Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54LVTH244AJ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54LVTH244AJ
Description  3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54LVTH244AJ Datasheet(HTML) 11 Page - Texas Instruments

Back Button SNJ54LVTH244AJ Datasheet HTML 7Page - Texas Instruments SNJ54LVTH244AJ Datasheet HTML 8Page - Texas Instruments SNJ54LVTH244AJ Datasheet HTML 9Page - Texas Instruments SNJ54LVTH244AJ Datasheet HTML 10Page - Texas Instruments SNJ54LVTH244AJ Datasheet HTML 11Page - Texas Instruments SNJ54LVTH244AJ Datasheet HTML 12Page - Texas Instruments SNJ54LVTH244AJ Datasheet HTML 13Page - Texas Instruments SNJ54LVTH244AJ Datasheet HTML 14Page - Texas Instruments SNJ54LVTH244AJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
SN74LVTH244ADBR
SSOP
DB
20
2000
346.0
346.0
33.0
SN74LVTH244ADWR
SOIC
DW
20
2000
346.0
346.0
41.0
SN74LVTH244AGQNR
BGA MICROSTAR
JUNIOR
GQN
20
1000
346.0
346.0
29.0
SN74LVTH244AGQNR
BGA MICROSTAR
JUNIOR
GQN
20
1000
340.5
338.1
20.6
SN74LVTH244ANSR
SO
NS
20
2000
346.0
346.0
41.0
SN74LVTH244APWR
TSSOP
PW
20
2000
346.0
346.0
33.0
SN74LVTH244ARGYR
VQFN
RGY
20
3000
190.5
212.7
31.8
SN74LVTH244AZQNR
BGA MICROSTAR
JUNIOR
ZQN
20
1000
346.0
346.0
29.0
SN74LVTH244AZQNR
BGA MICROSTAR
JUNIOR
ZQN
20
1000
340.5
338.1
20.6
PACKAGE MATERIALS INFORMATION
www.ti.com
21-Dec-2009
Pack Materials-Page 2


Similar Part No. - SNJ54LVTH244AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54LVTH244AJ TI-SNJ54LVTH244AJ Datasheet
691Kb / 20P
[Old version datasheet]   3.3 V ABT OCTAL BUFFERS / DRIVERS WITH 3 STATE OUTPUTS
SNJ54LVTH244AJ TI-SNJ54LVTH244AJ Datasheet
952Kb / 22P
[Old version datasheet]   3.3-v abt octal buffers/drivers with 3-state outputs
SNJ54LVTH244AJ TI-SNJ54LVTH244AJ Datasheet
968Kb / 24P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SNJ54LVTH244AJ TI1-SNJ54LVTH244AJ Datasheet
1Mb / 29P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54LVTH244AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH244A TI-SN54LVTH244A Datasheet
691Kb / 20P
[Old version datasheet]   3.3 V ABT OCTAL BUFFERS / DRIVERS WITH 3 STATE OUTPUTS
SN54LVT240A TI-SN54LVT240A Datasheet
110Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI-SN54LVTH240 Datasheet
99Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH541 TI-SN54LVTH541 Datasheet
310Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI1-SN54LVTH540_16 Datasheet
885Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH244A TI-SN54LVTH244A_07 Datasheet
952Kb / 22P
[Old version datasheet]   3.3-v abt octal buffers/drivers with 3-state outputs
SN54LVTH543 TI1-SN54LVTH543_16 Datasheet
881Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI1-SN54LVTH240_16 Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH241 TI1-SN54LVTH241_16 Datasheet
887Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTZ240 TI1-SN74LVTZ240 Datasheet
228Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI-SN54LVTH540 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com