Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48IMR40-051515-2 Datasheet(PDF) 3 Page - Power-One

Part # 48IMR40-051515-2
Description  25...40 Watt DC-DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

48IMR40-051515-2 Datasheet(HTML) 3 Page - Power-One

  48IMR40-051515-2 Datasheet HTML 1Page - Power-One 48IMR40-051515-2 Datasheet HTML 2Page - Power-One 48IMR40-051515-2 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
www.power-one.com
Mechanical data
Tolerances
±0.3 mm (0.012") unless otherwise indicated.
European
Projection
IMR 25...40 Series
25...40 Watt DC-DC Converters
70 (2.75")
52.5 (2.07")
10 (0.4")
7.5 (0.3")
23 (0.9")
4.5 (0.18")
1
2
7
6
5
4
3
S09039
Measuring point
of case temperature
T
C
IMR 25 triple output units and IMR 40
100 (3.94")
82.5 (3.25")
1
2
7
6
5
4
3
S09040
SD
10 (0.4")
7.5 (0.3")
23 (0.9")
4.5 (0.18")
Measuring point
of case temperature
T
C
IMR 25 single and dual outputs units
Pin allocation
Pin
Single output Dual output
Triple output
1
Vi+
Vi+
Vi+
2Vi–
Vi–
Vi–
3
Vo+
Vo+
Vo1+
4
Vo+
Vo+
COM
5Vo–
COM
Vo2+
6Vo–
COM
COM
7n.c.
Vo–
Vo3–


Similar Part No. - 48IMR40-051515-2

ManufacturerPart #DatasheetDescription
logo
Power-One
48IMR15-03-2 POWER-ONE-48IMR15-03-2 Datasheet
64Kb / 4P
   3...15 Watt DC-DC Converter
48IMR15-05-2 POWER-ONE-48IMR15-05-2 Datasheet
64Kb / 4P
   3...15 Watt DC-DC Converter
48IMR15-051212-2 POWER-ONE-48IMR15-051212-2 Datasheet
64Kb / 4P
   3...15 Watt DC-DC Converter
48IMR15-051515-2 POWER-ONE-48IMR15-051515-2 Datasheet
64Kb / 4P
   3...15 Watt DC-DC Converter
48IMR15-12-2 POWER-ONE-48IMR15-12-2 Datasheet
64Kb / 4P
   3...15 Watt DC-DC Converter
More results

Similar Description - 48IMR40-051515-2

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS25 POWER-ONE-IMS25 Datasheet
130Kb / 4P
   25 Watt DC-DC Converters
BG3020-7 POWER-ONE-BG3020-7 Datasheet
151Kb / 4P
   25 Watt DC-DC Converters
logo
AIMTEC
AM40U-C AIMTEC-AM40U-C Datasheet
285Kb / 2P
   40 watt dc-dc converters
AM40K-C AIMTEC-AM40K-C Datasheet
286Kb / 2P
   40 watt dc-dc converters
logo
Tumbler Technologies + ...
PD40 TRUMPOWER-PD40 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
logo
Wall Industries,Inc.
CR12S33-33 WALL-CR12S33-33 Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
logo
Tumbler Technologies + ...
PD40-10 TRUMPOWER-PD40-10 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
logo
Murata Manufacturing Co...
UCP40-75W MURATA-UCP40-75W Datasheet
356Kb / 7P
   40-75 Watt, DC/DC Converters
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
   25 to 30 Watt DC-DC Converters
logo
TRACO Electronic AG
TEN25 TRACOPOWER-TEN25 Datasheet
223Kb / 3P
   DC/DC Converters TEN 25 Series, 25/30 Watt
Rev. August 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com