Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q2S30ZA Datasheet(PDF) 1 Page - Power-One

Part # Q2S30ZA
Description  Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

Q2S30ZA Datasheet(HTML) 1 Page - Power-One

  Q2S30ZA Datasheet HTML 1Page - Power-One Q2S30ZA Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Q2S SERIES
The Q2S DC/DC converters offer unprecedented performance in the
industry-standard Quarter Brick format. This is accomplished through
the use of patent pending circuit and packaging techniques to achieve
ultra-high efficiency, excellent thermal performance and a very low
profile. The Q2S 30 A modules provide exceptional thermal
performance. The low profile (<0.30") of the modules and no need for
a heatsink minimize airflow shadowing, which enhances cooling for
downstream devices.
The use of 100% surface-mount technologies for Q2S assembly,
coupled with advanced electronic circuitry and thermal packaging,
result in products with extremely high quality and reliability. Q2S
converters are available as surface-mountable and through-hole
modules, in five standard output voltages ranging from 3.3 V to 1.5 V.
FEATURES
• Delivers up to 30 A
• Over 20 A at 200 LFM @ 70ºC
• No Heatsink Required
• Low Profile < 8 mm (0.30")
• Light Weight: 27 g (0.95 oz)
• No Minimum Load Required
• Load Capacitance: up to 30,000 µF
• Start-up into Pre-biased Output
• Fixed-frequency Operation
• Negative and Positive Logic ON/OFF
• Remote Sense
• Wide-output Voltage Adjustment
• Fully Protected
• High Reliability
• 2000 VDC Insulation Voltage Certified
• UL 1950 Recognized, CSA C22.2 No. 950-95
Q2S Series - 30A Quarter Brick DC/DC Converter
48V Input
1.5V to 3.3V Output
DESCRIPTION
APPLICATIONS
• Distributed Power Architectures
• Telecommunications Equipment
• LAN/WAN Applications
• Data Processing Applications
SELECTION CHART
MODEL
INPUT
INPUT CURRENT
OUTPUT
OUTPUT RATED
RIPPLE & NOISE
EFFICIENCY
COMMENTS
VOLTAGE (VDC)
MAX, ADC
VOLTAGE (VDC)
CURRENT, ADC
TYP, mV p-p
%
Q2S30ZA-M6
36-75
1.5
1.5
30
30
83
Surface-Mount
Q2S30ZB-M6
36-75
1.7
1.8
30
30
85
Surface-Mount
Q2S30ZC-M6
36-75
1.9
2.0
30
30
85
Surface-Mount
Q2S30ZD-M6
36-75
2.3
2.5
30
30
87
Surface-Mount
Q2S30ZE-M6
36-75
3.1
3.3
30
30
88
Surface-Mount
Q2S30ZA
36-75
1.5
1.5
30
30
83
Through-Hole
Q2S30ZB
36-75
1.7
1.8
30
30
85
Through-Hole
Q2S30ZC
36-75
1.9
2.0
30
30
85
Through-Hole
Q2S30ZD
36-75
2.3
2.5
30
30
87
Through-Hole
Q2S30ZE
36-75
3.1
3.3
30
30
88
Through-Hole
REV. 09/01


Similar Description - Q2S30ZA

ManufacturerPart #DatasheetDescription
logo
Power-One
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
   HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Power-One
HHS40ZE POWER-ONE-HHS40ZE Datasheet
67Kb / 2P
   HHS40 Series . 40A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V Output
HHS60ZE POWER-ONE-HHS60ZE Datasheet
56Kb / 2P
   HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com