Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC280-69605 Datasheet(PDF) 3 Page - Yamaichi Electronics Co., Ltd.

Part # IC280-69605
Description  Ball Grid Array (FBGA / CSP / LGA)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

IC280-69605 Datasheet(HTML) 3 Page - Yamaichi Electronics Co., Ltd.

  IC280-69605 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. IC280-69605 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. IC280-69605 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. IC280-69605 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. IC280-69605 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Test & Burn-In
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
Top View from Socket
IC280 Series (Clamshell)
19.25±0.05
25.75 ref.
48.75 ref.
15.35 ref.
48.75 ref.
23.00 ±0.1
2-0.80x26=20.80 ±0.1
2 - 0.80x26=20.80 ±0.1
11.97±0.05
10.40±0.05
2-0.80x26=20.80±0.1
2-0.80x26=20.80±0.1
0.80±0.05
0.80±0.05
11.68±0.05
29.50±0.05
22.10±0.05
1.55±0.05
8.90±0.05
19.15±0.05
23.00 ref.
4- 2.20
Æ
729-
0.50±0.05
Æ
729-
0.50±0.05
Æ
4- 2.20
Æ
2- 1.60
Æ
Pos. pin
Tapp. screw
2- 1.60
Æ
729- 0.30
Æ
729- 0.40
Æ
+0.1
0
+0.1
0
+0.1
0
+0.1
0
+0.1
0
+0.1
0
2.00 ref.
2.00 ref.
0.80±0.05
0.80±0.05
0.50±0.05
0.50±0.05
1.50±0.1
1.50±0.1
23.00 ±0.1
Grid Size 27 x 27
729 pins
IC280-72919 (BGA)
Grid Size 27 x 27
792 pins
IC280-72949 (BGA)
Example
Grids for BGA


Similar Part No. - IC280-69605

ManufacturerPart #DatasheetDescription
logo
ACUITY BRANDS, INC.
IC20 ACUITY-IC20 Datasheet
131Kb / 1P
   IC20 Series 5" Incandescent Housing
logo
Yamaichi Electronics Co...
IC200-1284-001 YAMAICHI-IC200-1284-001 Datasheet
593Kb / 6P
   Series Overview QFP (Quad Flat Packages, Gullwing Leads)
logo
List of Unclassifed Man...
IC200-2084-009 ETC2-IC200-2084-009 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
logo
Yamaichi Electronics Co...
IC200-2084-009 YAMAICHI-IC200-2084-009 Datasheet
593Kb / 6P
   Series Overview QFP (Quad Flat Packages, Gullwing Leads)
logo
List of Unclassifed Man...
IC200-2084-010 ETC2-IC200-2084-010 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
More results

Similar Description - IC280-69605

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NP291-03617 YAMAICHI-NP291-03617 Datasheet
41Kb / 1P
   Fine Ball Grid Array (FBGA, 0.75mm Pitch)
NP352-04808 YAMAICHI-NP352-04808 Datasheet
563Kb / 8P
   Fine Ball Grid Array (FBGA, 1.00mm Pitch)
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
Alliance Semiconductor ...
AS4C128M16D3LB ALSC-AS4C128M16D3LB Datasheet
3Mb / 45P
   96 ball FBGA PACKAGE
AS4C512M8D3A-12BCN ALSC-AS4C512M8D3A-12BCN Datasheet
1Mb / 83P
   78 ball FBGA PACKAGE
AS4C64M16D3A ALSC-AS4C64M16D3A Datasheet
1Mb / 86P
   96 ball FBGA PACKAGE
AS4C32M16MD1A ALSC-AS4C32M16MD1A Datasheet
2Mb / 53P
   60 ball FBGA PACKAGE
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
logo
Alliance Semiconductor ...
AS4C64M16D3A-12BAN ALSC-AS4C64M16D3A-12BAN Datasheet
1Mb / 86P
   96 ball FBGA PACKAGE
AS4C128M16D3LA-12BIN ALSC-AS4C128M16D3LA-12BIN Datasheet
2Mb / 83P
   96 ball FBGA PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com