Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC374ANSRE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC374ANSRE4
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC374ANSRE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC374ANSRE4 Datasheet HTML 2Page - Texas Instruments SN74LVC374ANSRE4 Datasheet HTML 3Page - Texas Instruments SN74LVC374ANSRE4 Datasheet HTML 4Page - Texas Instruments SN74LVC374ANSRE4 Datasheet HTML 5Page - Texas Instruments SN74LVC374ANSRE4 Datasheet HTML 6Page - Texas Instruments SN74LVC374ANSRE4 Datasheet HTML 7Page - Texas Instruments SN74LVC374ANSRE4 Datasheet HTML 8Page - Texas Instruments SN74LVC374ANSRE4 Datasheet HTML 9Page - Texas Instruments SN74LVC374ANSRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
Timing Requirements
Timing Requirements
Switching Characteristics
Switching Characteristics
SN54LVC374A, SN74LVC374A
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCAS296N – JANUARY 1993 – REVISED MAY 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN54LVC374A
VCC = 3.3 V
VCC = 2.7 V
UNIT
± 0.3 V
MIN
MAX
MIN
MAX
fclock
Clock frequency
80
100
MHz
tw
Pulse duration, CLK high or low
3.3
3.3
ns
tsu
Setup time, data before CLK
2
2
ns
th
Hold time, data after CLK
1.5
1.5
ns
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC374A
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
UNIT
± 0.15 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
(1)
(1)
80
100
MHz
tw
Pulse duration, CLK high or low
(1)
(1)
3.3
3.3
ns
tsu
Setup time, data before CLK
(1)
(1)
2
2
ns
th
Hold time, data after CLK
(1)
(1)
1.5
1.5
ns
(1)
This information was not available at the time of publication.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN54LVC374A
FROM
TO
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
MIN
MAX
MIN
MAX
fmax
80
100
MHz
tpd
CLK
Q
9.5
1
8.5
ns
ten
OE
Q
9.5
1
8.5
ns
tdis
OE
Q
8
1
7
ns
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC374A
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
(1)
(1)
80
100
MHz
tpd
CLK
Q
(1)
(1)
(1)
(1)
8.1
1.5
7
ns
ten
OE
Q
(1)
(1)
(1)
(1)
8.5
1.5
7.5
ns
tdis
OE
Q
(1)
(1)
(1)
(1)
7.1
1.5
6.5
ns
tsk(o)
1
ns
(1)
This information was not available at the time of publication.
6


Similar Part No. - SN74LVC374ANSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC374ANSRE4 TI-SN74LVC374ANSRE4 Datasheet
633Kb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LVC374ANSRE4 TI-SN74LVC374ANSRE4 Datasheet
891Kb / 23P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC374ANSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com