Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22949A Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS22949A
Description  CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22949A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22949A Datasheet HTML 7Page - Texas Instruments TPS22949A Datasheet HTML 8Page - Texas Instruments TPS22949A Datasheet HTML 9Page - Texas Instruments TPS22949A Datasheet HTML 10Page - Texas Instruments TPS22949A Datasheet HTML 11Page - Texas Instruments TPS22949A Datasheet HTML 12Page - Texas Instruments TPS22949A Datasheet HTML 13Page - Texas Instruments TPS22949A Datasheet HTML 14Page - Texas Instruments TPS22949A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Input Voltage, VIN (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.72
1.74
1.76
1.78
1.80
1.82
T = –40°C
A
T = –10°C
T = 25°C
T = 55°C
T = 85°C
A
A
A
A
1.791
1.792
1.793
1.794
1.795
1.796
1.797
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Input Voltage, VIN (V)
T = –40°C
A
T = –10°C
T = 25°C
T = 55°C
T = 85°C
A
A
A
A
1.791
1.792
1.793
1.794
1.795
1.796
1.797
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage, V+ (V)
T = –40°C
A
T = –10°C
T = 25°C
T = 55°C
T = 85°C
A
A
A
A
1.774
1.775
1.776
1.777
1.778
1.779
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage, V+ (V)
T = –40°C
A
T = –10°C
T = 25°C
T = 55°C
T = 85°C
A
A
A
A
TPS22949
TPS22949A
www.ti.com
SLVS908C – FEBRUARY 2009 – REVISED JANUARY 2010
TYPICAL CHARACTERISTICS (continued)
Figure 15. Input Voltage, VIN, Line Regulation, IOUT = 0 mA
Figure 16. Input Voltage, VIN, Line Regulation, IOUT = 100 mA
Figure 17. Input Voltage, V+, Line Regulation, IOUT = 0 mA
Figure 18. Input Voltage, V+, Line Regulation, IOUT = 100 mA
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS22949 TPS22949A


Similar Part No. - TPS22949A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22949A TI-TPS22949A Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949A TI-TPS22949A Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949ADRGR TI-TPS22949ADRGR Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949ADRGR TI-TPS22949ADRGR Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949AYZPR TI-TPS22949AYZPR Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
More results

Similar Description - TPS22949A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949 Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com