Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC120-0684-404 Datasheet(PDF) 3 Page - Yamaichi Electronics Co., Ltd.

Part # IC120-0684-404
Description  Plastic Lead Chip Carrier (PLCC)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

IC120-0684-404 Datasheet(HTML) 3 Page - Yamaichi Electronics Co., Ltd.

  IC120-0684-404 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. IC120-0684-404 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. IC120-0684-404 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. IC120-0684-404 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
Test & Burn-In
IC120 Series (Open Top) PCB Layouts (PLCC)
28 pins
32 pins
44 pins
IC120-0284-208
IC120-0284-308
IC120-0284-008
IC120-0284-108
IC120-0324-209
IC120-0324-309
IC120-0324-009
IC120-0324-109
IC120-0444-206
IC120-0444-306
IC120-0444-006
IC120-0444-106
IC120-0284-408
IC120-0284-508
IC120-0324-409
IC120-0324-509
IC120-0444-406
IC120-0444-506
2–Æ2.2
28–Æ0.8
1.27
1.27x6=7.62
17.13
12.05
2–Æ2.2
32–Æ0.8
1.27
3.3
1.27x8=10.16
19.73
14.65
1.27
1.27x10=12.7
22.23
17.15
2–Æ2.2
44–Æ0.8
4.5
Most compatible
socket type
Most compatible
socket type
Most compatible
socket type
Top View from Socket
Recommended PCB Layouts


Similar Part No. - IC120-0684-404

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IC1205DA XPPOWER-IC1205DA Datasheet
91Kb / 1P
   Single Output
logo
Laird Tech Smart Techno...
IC1206A103R-10 LSTD-IC1206A103R-10 Datasheet
90Kb / 1P
   this print is the property of laird tech
IC1206A332R-10 LSTD-IC1206A332R-10 Datasheet
86Kb / 1P
   this print is the property of laird tech
IC1206A333R-10 LSTD-IC1206A333R-10 Datasheet
91Kb / 1P
   this print is the property of laird tech
IC1206A472R-10 LSTD-IC1206A472R-10 Datasheet
85Kb / 1P
   this print is the property of laird tech
More results

Similar Description - IC120-0684-404

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC51-0204-602 YAMAICHI-IC51-0204-602 Datasheet
128Kb / 3P
   Plastic Lead Chip Carrier (PLCC)
logo
List of Unclassifed Man...
BT8510 ETC1-BT8510 Datasheet
6Mb / 78P
   68-pin Plastic Leaded Chip Carrier (PLCC)
logo
Assmann Electronics Inc...
A-CCS28-G ASSMANN-A-CCS28-G Datasheet
320Kb / 1P
   Chip-Carrier PLCC socket
A-CCS84-G ASSMANN-A-CCS84-G Datasheet
320Kb / 1P
   Chip-Carrier PLCC socket
A-CCSXX-Z-R ASSMANN-A-CCSXX-Z-R Datasheet
334Kb / 1P
   CHIP-CARRIER PLCC SOCKET
A-CCS20-G ASSMANN-A-CCS20-G Datasheet
320Kb / 1P
   Chip-Carrier PLCC socket
A-CCS-032-Z-T ASSMANN-A-CCS-032-Z-T Datasheet
320Kb / 1P
   Chip-Carrier PLCC socket
logo
KODENSHI_AUK CORP.
KP3014R64A1B KODENSHI-KP3014R64A1B Datasheet
147Kb / 5P
   Plastic leaded chip carrier
KP3014Y59A1B KODENSHI-KP3014Y59A1B Datasheet
148Kb / 5P
   Plastic leaded chip carrier
KP3020BSKA2C-GD KODENSHI-KP3020BSKA2C-GD Datasheet
172Kb / 5P
   Plastic leaded chip carrier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com