Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5V330DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TS5V330DR
Description  QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5V330DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS5V330DR Datasheet HTML 6Page - Texas Instruments TS5V330DR Datasheet HTML 7Page - Texas Instruments TS5V330DR Datasheet HTML 8Page - Texas Instruments TS5V330DR Datasheet HTML 9Page - Texas Instruments TS5V330DR Datasheet HTML 10Page - Texas Instruments TS5V330DR Datasheet HTML 11Page - Texas Instruments TS5V330DR Datasheet HTML 12Page - Texas Instruments TS5V330DR Datasheet HTML 13Page - Texas Instruments TS5V330DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
PARAMETER MEASUREMENT INFORMATION
Network Analyzer
(HP8753ES)
EXT TRIGGER
BIAS
P1
P2
VBIAS
Sawtooth
Waveform Generator
DUT
IN
EN
S1A
VEN
VIN
VCC
NOTE A: For additional information on measurement method, refer to the TI application report, Measuring Differential Gain and Phase, literature
number SLOA040.
RL = 150 Ω
DA
HP8753ES Setup
Sawtooth Waveform Generator Setup
TS5V330
SCDS164D – MAY 2004 – REVISED JUNE 2009 .............................................................................................................................................................. www.ti.com
Figure 6. Test Circuit for Differential Gain/Phase Measurement
Differential gain and phase are measured at the output of the ON channel. For example, when VIN = 0, VEN = 0,
and DA is the input, the output is measured at S1A.
Average = 20
RBW = 300 Hz
ST = 1.381 s
P1 = –7 dBM
CW frequency = 3.58 MHz
VBIAS = 0 to 1 V
Frequency = 0.905 Hz
10
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): TS5V330


Similar Part No. - TS5V330DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5V330DR TI-TS5V330DR Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330DR TI-TS5V330DR Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330DRE4 TI-TS5V330DRE4 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330DRG4 TI-TS5V330DRG4 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results

Similar Description - TS5V330DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Texas Instruments
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com