Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFS06ZA Datasheet(PDF) 8 Page - Power-One

Part # RFS06ZA
Description  RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

RFS06ZA Datasheet(HTML) 8 Page - Power-One

Back Button RFS06ZA Datasheet HTML 4Page - Power-One RFS06ZA Datasheet HTML 5Page - Power-One RFS06ZA Datasheet HTML 6Page - Power-One RFS06ZA Datasheet HTML 7Page - Power-One RFS06ZA Datasheet HTML 8Page - Power-One RFS06ZA Datasheet HTML 9Page - Power-One RFS06ZA Datasheet HTML 10Page - Power-One RFS06ZA Datasheet HTML 11Page - Power-One RFS06ZA Datasheet HTML 12Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Product Specifications
RFS Series: 20W / 6.0A DC/DC Converters
Oct 2001
36-75V Input
1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
18-Oct-01
Rev 1.0
Page 8 of 14
www.power-one.com
Feature Specifications
All specifications apply over input voltage, output load and temperature range, unless otherwise noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Shutdown Control:
Converter OFF
Converter ON
Sink Current
Shutdown pin is pulled low
Voltage source or open circuit
Vin=Vin.Nom
-1.0
3.5
1.0
1.0
5.5
Vdc
Vdc
mAdc
Temperature Derating Curves
The derating curves below give an indication of the output power achievable with and without forced air
cooling. However in the final application, in order to ensure the reliability of the unit, care must be taken to
ensure the maximum case temperature is not exceeded under any conditions.
Output Power Vs Ambient Temp. and Airflow
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
110
Ambient Temp. (deg °C)
200LFM (1 m/s)
0 LFM


Similar Part No. - RFS06ZA

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
RFS0912-S2 MICRONETICS-RFS0912-S2 Datasheet
225Kb / 2P
   PHASESHIFTER / SWITCHMODULE FORELECTRONICTACAN ANTENNA
logo
Nichicon corporation
RFS0A100MCN1GB NICHICON-RFS0A100MCN1GB Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RFS0A680MCN1GS NICHICON-RFS0A680MCN1GS Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RFS0E181MCN1GS NICHICON-RFS0E181MCN1GS Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RFS0E181MCN1GS NICHICON-RFS0E181MCN1GS Datasheet
733Kb / 2P
   High Capacitance
More results

Similar Description - RFS06ZA

ManufacturerPart #DatasheetDescription
logo
Power-One
NDS03ZA POWER-ONE-NDS03ZA Datasheet
312Kb / 14P
   NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
RNS01EE POWER-ONE-RNS01EE Datasheet
429Kb / 16P
   RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
logo
Power-One
RND02ZGE POWER-ONE-RND02ZGE Datasheet
316Kb / 14P
   RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 짹12V Dual Outputs 짹15V, available with trimming
logo
Bel Fuse Inc.
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
logo
Power-One
HHS60ZE POWER-ONE-HHS60ZE Datasheet
56Kb / 2P
   HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
logo
Bel Fuse Inc.
S7AH-10J BEL-S7AH-10J Datasheet
135Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 2.5V Input / 1.0 - 1.5V Output / 10A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com