Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP352-56009 Datasheet(PDF) 5 Page - Yamaichi Electronics Co., Ltd.

Part # NP352-56009
Description  Fine Ball Grid Array (FBGA, 1.00mm Pitch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

NP352-56009 Datasheet(HTML) 5 Page - Yamaichi Electronics Co., Ltd.

  NP352-56009 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. NP352-56009 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. NP352-56009 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. NP352-56009 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. NP352-56009 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. NP352-56009 Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd. NP352-56009 Datasheet HTML 7Page - Yamaichi Electronics Co., Ltd. NP352-56009 Datasheet HTML 8Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Test & Burn-In
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
NP352 Series (Open Top)
Fine Ball Grid Array (FBGA, 1.00mm Pitch)
Grid Size 30 x 30
Grid Size 31 x 31
NP352-87 AC-27191
Pin Count: 696
Body Size 31x31
Base Socket Size: 47.0x47.0
NP352-83615
Pin Count: 836
Body Size 33x33
Base Socket Size: 62.0x62.0
NP352-56009 AC-24855
Pin Count: 560
Body Size 35x35
Base Socket Size: 62.0x62.0
NP352-64819
Pin Count: 648
Body Size 35x35
Base Socket Size: 62.0x62.0
NP352-87-1-1 AC-28845
Pin Count: 764
Body Size: 31x31
Base Socket Size: 47.0x47.0
Grid Size 33 x 33
NP352-56009 AC-19416
Pin Count: 360
Body Size 35x35
Base Socket Size: 62.0x62.0
NP352-436-68
Pin Count: 436
Body Size 35x35
Base Socket Size: 62.0x62.0
NP352-56009
Pin Count: 560
Body Size 35x35
Base Socket Size: 62.0x62.0


Similar Part No. - NP352-56009

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
NP352 SHUNYE-NP352 Datasheet
198Kb / 2P
   1/2 PRESS-FIT STRAIGHT LEAD DIODES
logo
Naina Semiconductor ltd...
NP3520 NAINA-NP3520 Datasheet
117Kb / 2P
   TVS Auto Rectifier, 35A
NP3520R NAINA-NP3520R Datasheet
117Kb / 2P
   TVS Auto Rectifier, 35A
More results

Similar Description - NP352-56009

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NP291-03617 YAMAICHI-NP291-03617 Datasheet
41Kb / 1P
   Fine Ball Grid Array (FBGA, 0.75mm Pitch)
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
   Ball Grid Array (FBGA / CSP / LGA)
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
FBGA-SD STATSCHIP-FBGA-SD Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array - Stacked Die
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
Yamaichi Electronics Co...
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
   Ball Grid Array (BGA, 1.27mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
   Shrink Ball Grid Array (1.27mm Pitch)
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
   Ball Grid Array (BGA, 1.50mm Pitch)
logo
Alliance Semiconductor ...
AS4C128M16D3LB ALSC-AS4C128M16D3LB Datasheet
3Mb / 45P
   96 ball FBGA PACKAGE
AS4C512M8D3A-12BCN ALSC-AS4C512M8D3A-12BCN Datasheet
1Mb / 83P
   78 ball FBGA PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com