Electronic Components Datasheet Search |
|
PS44-44H-1411 Datasheet(PDF) 5 Page - Yamaichi Electronics Co., Ltd. |
|
PS44-44H-1411 Datasheet(HTML) 5 Page - Yamaichi Electronics Co., Ltd. |
5 / 5 page SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER Test & Burn-In Top View from Socket Card Edge Connectors (General Use 2.54mm pitch, 90°) í Card thickness 1.6mm Features Recommended PC Board Layout Outline Socket Dimensions PS43 Series Contact Detail Matching PC Board Dimensions Housing: Contacts: Plating: Terminals: Polyetherimide (PEI), glass-filled Beryllium Copper (BeCu) Gold over Nickel Solder plating over Nickel Insulation Resistance: Dielec. Withstd. Voltage: Contact Resistance: Current Rating: Operating Temp. Range: 1,000M min. at 500V DC 1000V AC for 1 minute 10m max. at 10mA 3A –40°C to +170°C W W Materials and Finish Series No. of Poles: (No. of Pins = No. of Poles x 2) Terminal Type: D = Solder dip PS 4 3 44 18 D16 -- Contact Pitch: 4 = 2.54 Contact Arrangement: 4 = Independent con- tacts on both sides Design No. (for internal use only) Design No. (for internal use only) 48.06 43.18 1.6±0.19 0.5~1.0 1.5 30°~45° C0.5~1.0 2.54±0.05 18 poles 43.18 60.34 No. of pins 1.1 Æ 2.54±0.05 8.58±0.05 66.80 60.33 53.30 48.26 43.18 43.18 J 2.54 1.45 2- 2.6 Æ 2.54 0.55 Specifications Part Number (Details) |
Similar Part No. - PS44-44H-1411 |
|
Similar Description - PS44-44H-1411 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |