Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBS100YH-A Datasheet(PDF) 1 Page - Power-One

Part # QBS100YH-A
Description  Quarter-Brick
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

QBS100YH-A Datasheet(HTML) 1 Page - Power-One

  QBS100YH-A Datasheet HTML 1Page - Power-One QBS100YH-A Datasheet HTML 2Page - Power-One QBS100YH-A Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com
1
Turn-On Time
30 ms
Remote Shutdown
Positive or Negative Logic
Remote Shutdown Reference
V
in Negative
Switching Frequency
400 kHz
Isolation
Input - Output
1500 VDC
Input - Case
1050 VDC
Output - Case
1050 VDC
Temperature Coefficient
0.02 ppm/°C
Case Temperature
Operating Range
-40°C To +100°C
Storage Range
-40°C To +125°C
Thermal Shutdown Range
105°C To 115°C
Vibration, 3 Axes, 5 Min Each
5 g, 10 - 55 Hz
MTBF(Bellcore TR-NWT-000332)
2.5 X 106 hrs
Safety
UL, CUL, TUV
Weight (Approx.)
1.7 oz
TECHNICAL SPECIFICATIONS
Voltage Range
24 VDC Nominal
18 - 36 VDC
48 VDC Nominal
36 - 75 VDC
Input Reverse Voltage Protection
Shunt Diode
QBS single output DC/DC converters provide up to
120 Watts of output power in an industry standard,
quarter-brick footprint. The QBS converters feature
open-frame packaging, along with planar magnetics to
provide maximum useable power with minimal
thermal constraints. The QBS is especially suited to
telecom, networking, and industrial applications, and
is fully compatible with production board washing
processes.
• “Quarter-Brick”
• High Power Density Up
To 120W
• Open-Frame Packaging
• 100°C Baseplate Operation
• Water Washable
• Outputs From
2.5V to 15V
• 1500V Isolation
• Positive or Negative
Enable Logic
Input
Output
General
DESCRIPTION
FEATURES
QBS SERIES - 120 WATT
Setpoint Accuracy
±1%
Line Regulation V
in Min. - Vin Max., Iout Rated
0.2% V
out
Load Regulation I
out Min. - Iout Max., Vin Nom.
0.5% V
out
Remote Sense Headroom
0.5 VDC
Minimum Output Current
10 % l
out Rated
Dynamic Regulation, Loadstep
25% I
out
Pk Deviation
4% V
out
Settling Time
500
µs
Voltage Trim Range
±10%
Short Circuit And Overcurrent Protection
Shutdown
Current Limit Threshold Range, % of I
out Rated
110 - 140%
Short Circuit Current Limit
200% I
out
OVP Trip Range
115 - 140% V
out Nom.
UVP Trip Range
70 - 90% V
out Nom.
OVP/UVP Type
Latching
QBS100ZG-ANT
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
LOAD%
EFF. (36v)
EFF. (48v)
EFF. (75v)
Efficiency vs. Load (48V Input)
MTBF predictions may vary slightly from model to model.
Specifications typically at 25°C, normal line, and full load, unless otherwise stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully compatible with
commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model. Please consult factory
for specific model information.
Units are water-washable and fully compatible with commercial spray or immersion
post wave-solder washing equipment.
Notes
Rev. 0
4/2001


Similar Part No. - QBS100YH-A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
QBS127.0-2000 VECTRON-QBS127.0-2000 Datasheet
77Kb / 1P
   Crystal band stop filter
QBS127.0-2001 VECTRON-QBS127.0-2001 Datasheet
77Kb / 1P
   Crystal band stop filter
More results

Similar Description - QBS100YH-A

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com