Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLS30ZY Datasheet(PDF) 2 Page - Power-One

Part # QLS30ZY
Description  QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

QLS30ZY Datasheet(HTML) 2 Page - Power-One

  QLS30ZY Datasheet HTML 1Page - Power-One QLS30ZY Datasheet HTML 2Page - Power-One QLS30ZY Datasheet HTML 3Page - Power-One QLS30ZY Datasheet HTML 4Page - Power-One QLS30ZY Datasheet HTML 5Page - Power-One QLS30ZY Datasheet HTML 6Page - Power-One QLS30ZY Datasheet HTML 7Page - Power-One QLS30ZY Datasheet HTML 8Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
QLS30 Series – 30A Quarter-Brick DC/DC Converter
48V Input
Data Sheet
1.8V, 1.5V, 1.2V Output
REV. 10/1
Page 2 of 8
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings may cause performance degradation, adversely effect
long-term reliability and cause permanent damage to the converter.
Parameter
Conditions/Description
Min
Max
Units
Input voltage
Continuous
Transient, 100mS
75
100
VDC
VDC
Operating Temperature
At 100% load
-40
100
°C
Storage Temperature
-40
125
°C
ON/OFF Control Voltage
Referenced to -Vin
50
VDC
Environmental and Mechanical Specifications
All specifications apply over specified input voltage, output load and temperature range, unless otherwise
noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Shock
Halfsine wave, 3 axes
50
g
Sinusoidal Vibration
GR-63-Core, Section 5.A.2
1
Weight
1.2/35
Oz/g
Water Washing
Standard process
Yes
MTBF
Per Bellcore TR-NWT-000332
1,980
kHrs
Isolation Specifications
All specifications apply over specified input voltage, output load and temperature range, unless otherwise
noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Insulation Safety Rating
Basic
Isolation Voltage
1500
VDC
Isolation Resistance
10
MOhm
Isolation Capacitance
1800
pF
Input Specifications
All specifications apply over specified input voltage, output load and temperature range, unless otherwise
noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Voltage
Continuous
36
48
75
VDC
Turn-On Input Voltage
Ramping Up
33
VDC
Turn-Off Input Voltage
Ramping Down
32
VDC
Turn-On Time
To Output Regulation Band
100% Resistive Load
510
mS
Input Reflected Ripple Current
Full Load, 12uH source
inductance
50
mA p-p
Inrush Transient
Vin=Vin.max
0.1
A
2s


Similar Part No. - QLS30ZY

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLS05WXK QUELIGHTING-QLS05WXK Datasheet
1Mb / 14P
   This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application. These 0.2W LEDs are equipped with heat sink to enhance operating performance.
1.0 03-10-2020
QLS19WXH QUELIGHTING-QLS19WXH Datasheet
1Mb / 15P
   This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application.
1.4 08-25-2021
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
   Distributed power architectures
QLS25ZD POWER-ONE-QLS25ZD Datasheet
217Kb / 8P
   Distributed power architectures
QLS25ZE POWER-ONE-QLS25ZE Datasheet
217Kb / 8P
   Distributed power architectures
More results

Similar Description - QLS30ZY

ManufacturerPart #DatasheetDescription
logo
Power-One
Q2S30ZA POWER-ONE-Q2S30ZA Datasheet
100Kb / 2P
   Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Power-One
HHS60ZE POWER-ONE-HHS60ZE Datasheet
56Kb / 2P
   HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
   HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com