Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RND02ZGE Datasheet(PDF) 9 Page - Power-One

Part # RND02ZGE
Description  RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 짹12V Dual Outputs 짹15V, available with trimming
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

RND02ZGE Datasheet(HTML) 9 Page - Power-One

Back Button RND02ZGE Datasheet HTML 5Page - Power-One RND02ZGE Datasheet HTML 6Page - Power-One RND02ZGE Datasheet HTML 7Page - Power-One RND02ZGE Datasheet HTML 8Page - Power-One RND02ZGE Datasheet HTML 9Page - Power-One RND02ZGE Datasheet HTML 10Page - Power-One RND02ZGE Datasheet HTML 11Page - Power-One RND02ZGE Datasheet HTML 12Page - Power-One RND02ZGE Datasheet HTML 13Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Product Specifications
RND Series: 8-10W DC/DC Converters
Nov 2001
38-75V Input
3.3V & 5.0V, ±12V Dual Outputs (±15V, available with trimming)
5-Nov-01
Rev 1.1
Page 9 of 14
www.power-one.com
Output Voltage Trim
Note: For setting nominal output voltage pin 8
must be connected to pin 9.
The trim feature allows the user to adjust the
output voltage from the nominal.
This can be
used to accommodate a different requirement or
to do production margin testing.
Output voltage can be adjusted by an external
resistor. If pin 8 and pin 9 are not connected
together the output will decrease to a low value.
To increase Vo a resistor should be connected
between pin 8 / 9 and pin 17 ( -Vin). To decrease
Vo, a resistor should be connected between pin 8
and 9 (NOR).
To increase Vo:
Radj = A x (B - Vd) / (Vd - Vo) k
Where: Vd = Desired output voltage
Vo = Nominal output voltage.
To reduce Vo:
Radj = C x (Vo - Vd) / (Vd - D) k
Where: Vd = Desired output voltage
Vo = Nominal output voltage.
Model
A
B
C
D
RND02ZGE
0.5
3.92
2.0
2.56
RND0.8ZHH
0.572
16.126
2.243
8.295
Notes:
1. When the output voltage is trimmed up, the
output power from the converter must not
exceed its maximum
rating.
This is
determined by measuring the output voltage
on the output pins, and multiplying it by the
output current.
2.
The trim feature allows the generation of
additional standard voltages such as ±15V
from the ±12V model.
Parallel Operation
Paralleling of two converters is possible by direct
connection of the output voltage terminal pins.
The load regulation characteristic is designed to
facilitate current sharing (typically ± 20%).
Output Current Limiting
When the output is overloaded above the
maximum output current rating, the voltage will
start to reduce to maintain the output power to a
safe level.
In a condition of high overload or
short-circuit where the output voltage is pulled
below approximately 30% of Vo.Nom, the unit will
enter a ‘Hiccup’ mode of operation. Under this
condition
the
unit
will
attempt
to
restart,
approximately every 100ms until the overload has
cleared.
Thermal Considerations
The converter is designed for natural or forced
convection cooling.
The output power of the
converter is limited by the maximum case
temperature (Tc). To ensure reliable long term
operation of the converters, and to comply with
safety agency requirements, Power-One limits
maximum allowable case temperature (Tc) to
110°C (see Mechanical Drawings).
Remote Control Feature
The remote control pin functions as a normal soft
shutdown. It is referenced to the –Vin pin. With
positive logic, when the remote control pin is
pulled low, the output is turned off and the unit
goes into a very low input power mode.
An open collector switch is recommended to
control the voltage between the remote control pin
and the -Vin pin of the converter. The remote
control pin is pulled up internally, so no external
voltage source is required. The user should avoid
connecting a resistor between the remote control
pin and the +Vin pin.
The user must take care to ensure that the pin
reference for the control is connected close to the
-Vin pin.
The control signal must not be
referenced ahead of EMI filtering, or remotely
from the unit. If the remote control pin is not used,
it can be left floating.


Similar Part No. - RND02ZGE

ManufacturerPart #DatasheetDescription
logo
Rohm
RND030N20 ROHM-RND030N20 Datasheet
409Kb / 13P
   Nch 200V 3.0A Power MOSFET
More results

Similar Description - RND02ZGE

ManufacturerPart #DatasheetDescription
logo
Power-One
RNS01EE POWER-ONE-RNS01EE Datasheet
429Kb / 16P
   RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
NDS03ZA POWER-ONE-NDS03ZA Datasheet
312Kb / 14P
   NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
NVS01YG POWER-ONE-NVS01YG Datasheet
224Kb / 11P
   NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
RFS06ZA POWER-ONE-RFS06ZA Datasheet
248Kb / 14P
   RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
logo
Artesyn Technologies
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
   8-10W Wide Input DC/DC Converters
logo
MicroPower Direct, LLC
B1000R MPD-B1000R Datasheet
69Kb / 2P
   10W, 5 VDC Input Compact, Dual Output DC/DC Converters
logo
Maxim Integrated Produc...
REFD5510 MAXIM-REFD5510 Datasheet
137Kb / 5P
   Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
MAXREFDES9 MAXIM-MAXREFDES9 Datasheet
353Kb / 8P
   3.3V to 15V Input, 짹15V (짹12V) Output, Isolated Power Supply
Oct 25, 2012
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Artesyn Technologies
CXA10 ARTESYN-CXA10 Datasheet
50Kb / 2P
   10W DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com