Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1771127 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1771127
Description  PTSM 0,5/ 5-2,5-V SMD R44
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1771127 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1771127 Datasheet HTML 1Page - PHOENIX CONTACT 1771127 Datasheet HTML 2Page - PHOENIX CONTACT 1771127 Datasheet HTML 3Page - PHOENIX CONTACT 1771127 Datasheet HTML 4Page - PHOENIX CONTACT 1771127 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PTSM 0,5/ 5-2,5-V SMD R44 Order No.: 1771127
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1771127
PHOENIX CONTACT Inc., USA
Page 2 / 5
http://www.phoenixcon.com
Feb 25, 2010
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/2)
160 V
Rated voltage (II/2)
160 V
Connection in acc. with standard
EN-VDE
Nominal current IN
6 A
Nominal voltage UN
32 V
Nominal cross section
0.5 mm²
Maximum load current
6 A
Insulating material
LCP
Inflammability class acc. to UL 94
V0
Stripping length
6 mm
Connection data
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
0.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
0.5 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
0.5 mm²
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
20
Certificates / Approvals
Certification
CUL, UL
CUL
Nominal voltage UN
150 V
Nominal current IN
5 A
AWG/kcmil
26-20
UL
Nominal voltage UN
150 V
Nominal current IN
5 A
AWG/kcmil
26-20


Similar Part No. - 1771127

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1771121 PHOENIX-1771121 Datasheet
97Kb / 3P
   HC-B 6-TFL-40/M1PG13,5G
More results

Similar Description - 1771127

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1771059 PHOENIX-1771059 Datasheet
138Kb / 5P
   PTSM 0,5/ 5-2,5-H SMD R44
1770982 PHOENIX-1770982 Datasheet
138Kb / 5P
   PTSM 0,5/ 5-2,5-V THR R44
1771114 PHOENIX-1771114 Datasheet
140Kb / 5P
   PTSM 0,5/ 4-2,5-V SMD R44
1771143 PHOENIX-1771143 Datasheet
144Kb / 5P
   PTSM 0,5/ 7-2,5-V SMD R44
1771156 PHOENIX-1771156 Datasheet
140Kb / 5P
   PTSM 0,5/ 8-2,5-V SMD R44
1771101 PHOENIX-1771101 Datasheet
140Kb / 5P
   PTSM 0,5/ 3-2,5-V SMD R44
1771091 PHOENIX-1771091 Datasheet
144Kb / 5P
   PTSM 0,5/ 2-2,5-V SMD R44
1771130 PHOENIX-1771130 Datasheet
140Kb / 5P
   PTSM 0,5/ 6-2,5-V SMD R44
1778722 PHOENIX-1778722 Datasheet
61Kb / 3P
   Header - PTSM 0,5/ 5-HV-2,5-SMD WH R44
1830155 PHOENIX-1830155 Datasheet
61Kb / 3P
   Header - PTSM 0,5/ 5-HTB-2,5-SMD WH R44
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com