Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS42-44D-2513-2 Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # PS42-44D-2513-2
Description  Card Edge Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

PS42-44D-2513-2 Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  PS42-44D-2513-2 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. PS42-44D-2513-2 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. PS42-44D-2513-2 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. PS42-44D-2513-2 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. PS42-44D-2513-2 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
Recommended PC Board Layout
Top View from Socket
Card Edge Connectors (2.54mm pitch, 180°)
Outline Socket Dimensions
PS44 Series
Contact Detail
Matching PC Board Dimensions
Housing:
Contacts:
Plating:
Terminals:
Polyetherimide (PEI), glass-filled
Beryllium Copper (BeCu)
Gold over Nickel
Solder plating over Nickel
Insulation Resistance:
Dielec. Withstd. Voltage:
Contact Resistance:
Current Rating:
Operating Temp. Range:
Mating Cycles:
1,000M
min. at 500V DC
1000 V AC for 1 minute
10m
max. at 10mA
3A
–40°C to +170°C
500 (1.75mm max. PCB thickness)
W
W
Materials and Finish
PS
4 4
44
50
*11
--
A
B
C
E
D
D
F
G
D
J
2.54
1.4
1.6
0.64
1.6±0.19
0.5~1.0
1.5
30°~45°
C0.5~1.0
3.7
2.54
2.54±0.05
PS44-44D
PS44-44H
+0.1
0
+0.1
0
H ±0.2
2-
3.2
Æ
D
Pin count
1.1
Æ
2.54±0.05
Series
No. of Poles:
(No. of Pins = No. of Poles x 2)
Terminal Type:
D = Solder dip
H = Eyelet
Contact
Pitch:
4=2.54
Contact Arrangement:
4=Independent con-
tacts on both sides
Design No.
(for internal use only)
Design No. (for internal use only)
Poles
1.4
PS44-44*-1411
28
56.77
50.17
42.16
33.02
38.00
39.37
37.80
49.67
2.4
PS44-44*-3011
60
97.41
90.81
82.80
73.66
78.64
80.01
78.44
90.31
2.4
PS44-44*-3611
72
112.65
106.05
98.04
88.90
93.88
95.25
93.66
105.55
2.4
PS44-44*-4311
86
130.43
123.43
115.82
106.68
111.66
113.03
111.46
123.33
2.4
PS44-44*-4411
88
132.97
126.37
118.36
109.22
114.20
115.57
114.00
125.87
2.4
PS44-44*-5011
100
148.21
141.61
133.60
124.46
129.44
130.81
129.24
141.11
2.4
G
HJ
AB
C
EF
D
Part Number
Pin Count
í
í
Card thickness 1.6mm
2 terminal types available
Features
Specifications
Part Number (Details)


Similar Part No. - PS42-44D-2513-2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS4200 MICROCHIP-PS4200 Datasheet
266Kb / 8P
   PS402 Battery Manager Module with LED SOC Display
02/12/03
PS4200EV MICROCHIP-PS4200EV Datasheet
289Kb / 8P
   PS4200 Evaluation Kit
02/12/03
More results

Similar Description - PS42-44D-2513-2

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
6325 AVX-6325 Datasheet
384Kb / 6P
   Card Edge Connectors
logo
CW Industries
CWR-170-10-0021 CWIND-CWR-170-10-0021 Datasheet
117Kb / 4P
   Card Edge Connectors
logo
EDAC, All Rights Reserv...
307 EDAC-307 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
322 EDAC-322 Datasheet
223Kb / 2P
   Card Edge Connectors 0.156” (3.96mm) Pitch
346 EDAC-346 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
305 EDAC-305 Datasheet
278Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
345 EDAC-345 Datasheet
300Kb / 3P
   Card Edge Connectors 0.100” (2.54mm) Pitch
logo
TE Connectivity Ltd
114-32054 TEC-114-32054 Datasheet
805Kb / 13P
   Inverted Card Edge and Inverted Poke-In Connectors
logo
Mitsumi Electronics, Co...
CIM-H33N MITSUMI-CIM-H33N Datasheet
111Kb / 2P
   microSD card connectors
logo
List of Unclassifed Man...
DM3C-SF ETC2-DM3C-SF Datasheet
832Kb / 11P
   microSD Card Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com