Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-APOWER-001-02 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # USB-APOWER-001-02
Description  USB , Type A with Power Receptacle / Plug
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

USB-APOWER-001-02 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  USB-APOWER-001-02 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. USB-APOWER-001-02 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
E-7
I/O
Connectors
Trading Division
Outline Dimensions
Part Number (Details)
USB-APOWER - 001 - 0*
Specifications
Insulation Resistance:
1,000M
Ω min. at 500V DC
Current Rating:
1.5A max.
Voltage Rating:
250V AC
Withstanding Voltage:
500 V AC for 1 minute
Contact Resistance:
30m
Ω max.
Materials and Finish
Housing:
Nylon 66 + 30% glass filled UL94V-0 rated
Shell:
Phosphor Bronze, Sn over Ni
Contacts:
Phosphor Bronze
Contact Plating: Solder area: Sn over Ni
Mating area: 30µ’’ Au over NI
Features
USB-A standard interface plus seperate power contacts
Series No.
Insulator:
1 = 5V (black)
2 = 24V (red)
3 = 12V (green)
Recommended PCB Layout
Top View
Key Positions
Section A
Series USB-A
USB , Type A with Power Receptacle (PCB Mounting)


Similar Part No. - USB-APOWER-001-02

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
USB-AP-S-RA ADAM-TECH-USB-AP-S-RA Datasheet
200Kb / 1P
   USB CONNECTOR TYPE A SINGLE PORT
USB-AP-S-RA-SMT ADAM-TECH-USB-AP-S-RA-SMT Datasheet
200Kb / 1P
   USB CONNECTOR TYPE A SINGLE PORT
More results

Similar Description - USB-APOWER-001-02

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E8199-060-01 PULSE-E8199-060-01 Datasheet
180Kb / 2P
   USB 3.0 A TYPE PLUG
E8199-001-01 PULSE-E8199-001-01 Datasheet
270Kb / 2P
   USB 3.0 A TYPE RECEPTACLE
logo
Wurth Elektronik GmbH &...
692112030100 WURTH-692112030100 Datasheet
637Kb / 2P
   USB 3.0 SMT PLUG WITH CLIP TYPE A
logo
TE Connectivity Ltd
C-1932258 TEC-C-1932258 Datasheet
309Kb / 1P
   USB 3.0 TYPE A RECEPTACLE STANDARD TYPE
logo
FCI connector
10104111 FCI-CONNECTOR-10104111 Datasheet
129Kb / 1P
   MICRO USB A/B TYPE RECEPTACLE
logo
Molex Electronics Ltd.
847290006 MOLEX-847290006 Datasheet
241Kb / 1P
   USB-A CORD ASSEMBLY PLUG & BAYONET RECEPTACLE
2019/03/26
847271001 MOLEX-847271001 Datasheet
116Kb / 1P
   PLUG, USB TYPE-A, SHIELDED, PIGTAIL CIC
10/05/04
logo
CONEC Elektronische Bau...
17-250031 CONEC-17-250031 Datasheet
292Kb / 1P
   USB Patch Cords IP67 mini-B USB Plug to Standard USB Type A Plug
logo
Molex Electronics Ltd.
PK-48405-001 MOLEX-PK-48405-001 Datasheet
216Kb / 2P
   USB 3.0 CONNECTOR A RECEPTACLE 90DIP TYPE
2013.6.6
logo
Amphenol Communications...
10163259 AMPHENOLCS-10163259 Datasheet
288Kb / 2P
   USB 3.1 TYPE C RECEPTACLE R/A SMT TYPE
2022-03-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com