Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS61-44H-8811 Datasheet(PDF) 5 Page - Yamaichi Electronics Co., Ltd.

Part # PS61-44H-8811
Description  Card Edge Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

PS61-44H-8811 Datasheet(HTML) 5 Page - Yamaichi Electronics Co., Ltd.

  PS61-44H-8811 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. PS61-44H-8811 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. PS61-44H-8811 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. PS61-44H-8811 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. PS61-44H-8811 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
Top View from Socket
Card Edge Connectors (General Use 2.54mm pitch, 90°)
í Card thickness 1.6mm
Features
Recommended PC Board Layout
Outline Socket Dimensions
PS43 Series
Contact Detail
Matching PC Board Dimensions
Housing:
Contacts:
Plating:
Terminals:
Polyetherimide (PEI), glass-filled
Beryllium Copper (BeCu)
Gold over Nickel
Solder plating over Nickel
Insulation Resistance:
Dielec. Withstd. Voltage:
Contact Resistance:
Current Rating:
Operating Temp. Range:
1,000M
min. at 500V DC
1000V AC for 1 minute
10m
max. at 10mA
3A
–40°C to +170°C
W
W
Materials and Finish
Series
No. of Poles:
(No. of Pins = No. of Poles x 2)
Terminal Type:
D = Solder dip
PS
4 3
44
18
D16
--
Contact
Pitch:
4 = 2.54
Contact Arrangement:
4 = Independent con-
tacts on both sides
Design No.
(for internal use only)
Design No. (for internal use only)
48.06
43.18
1.6±0.19
0.5~1.0
1.5
30°~45°
C0.5~1.0
2.54±0.05
18 poles
43.18
60.34
No. of pins
1.1
Æ
2.54±0.05
8.58±0.05
66.80
60.33
53.30
48.26
43.18
43.18
J
2.54
1.45
2-
2.6
Æ
2.54
0.55
Specifications
Part Number (Details)


Similar Part No. - PS61-44H-8811

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PS610HGUK TRIPPLITE-PS610HGUK Datasheet
161Kb / 3P
   UK BS-1363 Medical-Grade Power Strip with 6 UK Outlets, 3m Cord
More results

Similar Description - PS61-44H-8811

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
6325 AVX-6325 Datasheet
384Kb / 6P
   Card Edge Connectors
logo
CW Industries
CWR-170-10-0021 CWIND-CWR-170-10-0021 Datasheet
117Kb / 4P
   Card Edge Connectors
logo
EDAC, All Rights Reserv...
307 EDAC-307 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
322 EDAC-322 Datasheet
223Kb / 2P
   Card Edge Connectors 0.156” (3.96mm) Pitch
346 EDAC-346 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
305 EDAC-305 Datasheet
278Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
345 EDAC-345 Datasheet
300Kb / 3P
   Card Edge Connectors 0.100” (2.54mm) Pitch
logo
TE Connectivity Ltd
114-32054 TEC-114-32054 Datasheet
805Kb / 13P
   Inverted Card Edge and Inverted Poke-In Connectors
logo
Mitsumi Electronics, Co...
CIM-H33N MITSUMI-CIM-H33N Datasheet
111Kb / 2P
   microSD card connectors
logo
List of Unclassifed Man...
DM3C-SF ETC2-DM3C-SF Datasheet
832Kb / 11P
   microSD Card Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com