Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2683IDGSTG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2683IDGSTG4
Description  Very Low-Power, Dual, Current-Feedback Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2683IDGSTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2683IDGSTG4 Datasheet HTML 7Page - Texas Instruments OPA2683IDGSTG4 Datasheet HTML 8Page - Texas Instruments OPA2683IDGSTG4 Datasheet HTML 9Page - Texas Instruments OPA2683IDGSTG4 Datasheet HTML 10Page - Texas Instruments OPA2683IDGSTG4 Datasheet HTML 11Page - Texas Instruments OPA2683IDGSTG4 Datasheet HTML 12Page - Texas Instruments OPA2683IDGSTG4 Datasheet HTML 13Page - Texas Instruments OPA2683IDGSTG4 Datasheet HTML 14Page - Texas Instruments OPA2683IDGSTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
OPA2683
11
SBOS244H
www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V
TA = +25°C, VS = 5V, G = +2, RF = 1.2kΩ, and RL = 1kΩ, unless otherwise noted.
6
3
0
–3
–6
–9
–12
–15
–18
Frequency (MHz)
1
100
10
200
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
G = 100
G = 50
G = 5
G = 10
G = 20
G = 2
G = 1
See Figure 3
6
3
0
–3
–6
–9
–12
–15
–18
Frequency (MHz)
1
100
10
200
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
G = –10
G = –20
G = –2
G = –5
G = –1
See Figure 4
9
6
3
0
–3
Frequency (MHz)
1
100
10
200
NONINVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
1V
PP
2V
PP
0.2V
PP
0.5V
PP
See Figure 3
3
0
–3
–6
–9
–12
Frequency (MHz)
1
200
10
100
INVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
0.5V
PP
2V
PP
0.2V
PP
1V
PP
See Figure 4
NONINVERTING PULSE RESPONSE
Time (10ns/div)
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
Large-Signal Right Scale
Small-Signal Left Scale
See Figure 3
INVERTING PULSE RESPONSE
Time (10ns/div)
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
Large-Signal Right Scale
Small-Signal Left Scale
See Figure 4


Similar Part No. - OPA2683IDGSTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2683 BURR-BROWN-OPA2683 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2683 BURR-BROWN-OPA2683 Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2683IDGSTG4

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40121 ZARLINK-ZL40121 Datasheet
288Kb / 16P
   Low Power,Current Feedback Dual Operational Amplifier
logo
Texas Instruments
OPA2684IDCNT TI1-OPA2684IDCNT Datasheet
964Kb / 34P
[Old version datasheet]   Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com