Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3210185 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3210185
Description  PIT 2,5-TG, Disconnect terminal block
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210185 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3210185 Datasheet HTML 1Page - PHOENIX CONTACT 3210185 Datasheet HTML 2Page - PHOENIX CONTACT 3210185 Datasheet HTML 3Page - PHOENIX CONTACT 3210185 Datasheet HTML 4Page - PHOENIX CONTACT 3210185 Datasheet HTML 5Page - PHOENIX CONTACT 3210185 Datasheet HTML 6Page - PHOENIX CONTACT 3210185 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PIT 2,5-TG Order No.: 3210185
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3210185
PHOENIX CONTACT Inc., USA
Page 3 / 7
http://www.phoenixcon.com
Apr 9, 2010
Stripping length
10 mm
Internal cylindrical gage
A3
Accessories
Item
Designation
Description
Assembly
3030789
ATP-ST-TWIN
Partition plate, Length: 76.6 mm, Width: 2 mm, Height: 45 mm,
Color: gray
3022276
CLIPFIX 35-5
Snap-on end bracket, for NS 35/7.5 or NS 35/15 DIN rail, can be
fitted with Zack strip ZB 5 and ZBF 5, terminal strip marker KLM
2 and KLM, parking facility for FBS...5, FBS...6, KSS 5, KSS 6,
width: 5,15 mm, color: gray
3036725
DP PS-5
Spacer plate, Color: red
3036602
DS-ST 2,5
Cover segment, Length: 72 mm, Height: 36.5 mm, Color: gray
0801704
NS 35/ 7,5 AL UNPERF
2000MM
DIN rail, material: Aluminum, unperforated, height 7.5 mm, width
35 mm, length: 2 m
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1207640
NS 35/ 7,5 PERF 755MM
NS 35 DIN rail, height 7.5 mm, length 755 mm
1207653
NS 35/ 7,5 PERF 955MM
NS35 DIN rail, height 7.5 mm, length 955 mm
1207666
NS 35/ 7,5 PERF 1155MM
NS 35 DIN rail, height 7.5 mm, length 1155 mm
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: Steel, galvanized and passivated with a thick
layer, perforated, height 7.5 mm, width 35 mm, length: 2 m
1208131
NS 35/ 7,5 PERF/...
DIN rail, Color: silver
0801681
NS 35/ 7,5 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1208115
NS 35/ 7,5 UNPERF/...
DIN rail, Color: silver
1208128
NS 35/ 7,5 UNPERF/SO/...
DIN rail, Color: silver
0801377
NS 35/ 7,5 V2A UNPERF
2000MM
DIN rail, Width: 35 mm, Height: 7.5 mm, Length: 2000 mm,
Color: silver
1206421
NS 35/ 7,5 ZN PERF 2000MM
DIN rail, material: Galvanized, perforated, height 7.5 mm, width 35
mm, length: 2 m
1206434
NS 35/ 7,5 ZN UNPERF
2000MM
DIN rail, material: Galvanized, unperforated, height 7.5 mm, width
35 mm, length: 2 m
1201895
NS 35/15 CU UNPERF 2000MM DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
1201730
NS 35/15 PERF 2000MM
DIN rail, material: Steel, perforated, height 15 mm, width 35 mm,
length: 2 m
1201714
NS 35/15 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m


Similar Part No. - 3210185

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210184 PHOENIX-3210184 Datasheet
204Kb / 26P
   Knife disconnect terminal block - PT 2,5-QUATTRO-MTB
More results

Similar Description - 3210185

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210198 PHOENIX-3210198 Datasheet
123Kb / 7P
   PIT 2,5-TWIN-TG, Disconnect terminal block
3206490 PHOENIX-3206490 Datasheet
614Kb / 27P
   Disconnect terminal block - QTC 2,5-TG
09/30/2021
3270088 PHOENIX-3270088 Datasheet
559Kb / 28P
   Disconnect terminal block - PTC 2,5-TG
3210156 PHOENIX-3210156 Datasheet
114Kb / 6P
   PIT 2,5-MT, Disconnect and test disconnect terminal block
3270094 PHOENIX-3270094 Datasheet
77Kb / 5P
   Disconnect terminal block - PTC 2,5-QUATTRO-TG
3035577 PHOENIX-3035577 Datasheet
517Kb / 25P
   Disconnect terminal block - ST 2,5-TG BU
3270091 PHOENIX-3270091 Datasheet
594Kb / 28P
   Disconnect terminal block - PTC 2,5-TWIN-TG
3210208 PHOENIX-3210208 Datasheet
124Kb / 7P
   PIT 2,5-QUATTRO-TG
3038436 PHOENIX-3038436 Datasheet
57Kb / 5P
   Disconnect terminal block - ST 2,5-TG RD
3210230 PHOENIX-3210230 Datasheet
68Kb / 6P
   Disconnect terminal block - PTT 2,5-L/TG
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com