Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WK8 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WK8
Description  High Power Metal Oxide Leaded Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WK8 Datasheet(HTML) 3 Page - Vishay Siliconix

  WK8 Datasheet HTML 1Page - Vishay Siliconix WK8 Datasheet HTML 2Page - Vishay Siliconix WK8 Datasheet HTML 3Page - Vishay Siliconix WK8 Datasheet HTML 4Page - Vishay Siliconix WK8 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 20128
178
Revision: 26-May-10
WK/WR
Vishay Draloric
High Power Metal Oxide Leaded Resistors
DIMENSIONS
Notes
(1) 9 mm for WR5/WK8
• Taping in acc. with IEC 60286-1
• D and L measured in acc. with IEC 60294
• d according to IEC 60301
PACKAGING
MODEL
REEL
BOX
PIECES/REEL
CODE
MIN. ORDER QTY
PACKAGING UNITS
PIECES/BOX
CODE
MIN. ORDER QTY
PACKAGING UNITS
WK2
5000
R5
1
5000
2000
A5
A2
1
1
WR4
2500
RE
2
1000
A1 (G73)
2
WR5
1500
RP
2
1000
A1 (G77)
2
WK8
1000
R1
2
500
AC
2
L
1
L
d
D
B
e
6 mm (1)
MODEL
DIMENSIONS [in millimeters]
DL
L1 max.
Bd
e
WK2
2.5 - 0.5
6.5 - 0.5
8.0
53 ± 1
0.6
7.5
WR4
3.9 - 0.5
10.0 - 1.6
12.0
73 ± 1
0.8
15.0
WR5
6.0 - 0.5
16.5 - 1.5
20.0
77 ± 1
0.8
17.5
WK8
9.0 - 0.5
20.0 - 1.5
24.0
77 ± 1
0.8
22.5
120
100
80
60
40
20
0
- 55
0
40
80
120
160
200
240
280
320
360
70
AMBIENT TEMPERATURE IN °C
DERATING
300
250
200
150
100
50
0
0
1.0
2.0
3.0
4.0
5.0
POWER IN W
TEMPERATURE RISE
WR4
WK2
WR5
WK8
WR 5
WR 4
WK 8
WK 2
10
WR 5
WR 4
WK 8
WK 2
10
-5
10
-4
100
10
-1
10
0
10
101
10
-1
10
-2
10
0
10
-3
102
10-1
10
-5
10
-4
10
-3
10
-2
103
PULSE RATING
O
Secondary Conditions:
a)
ϑ
b)
ϑu ≤ 70 °C
c)
Û
max. see diagram below
d) ~ 10R
Secondary Conditions:
a)
70 (permissible constant
power at
ϑu = 70 °C)
b)
ϑu ≤ 70 °C
c)
Û
max. see diagram below
d) ~ 10R
SQUARE PULSE
i [s]
t
SQUARE PULSE
i [s]
t
P
PULSE RATING
70
PP
P
PP
WK2
WR4
WR5
WK8
100
101
102
10-1
103


Similar Part No. - WK8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WK8 VISHAY-WK8 Datasheet
152Kb / 9P
   High Pulse Load, High Power Metal Oxide Leaded Resistors
01-Jan-2022
More results

Similar Description - WK8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WK VISHAY-WK_15 Datasheet
124Kb / 5P
   High Power Metal Oxide Leaded Resistors
Revision: 29-Oct-14
WK8 VISHAY-WK8 Datasheet
152Kb / 9P
   High Pulse Load, High Power Metal Oxide Leaded Resistors
01-Jan-2022
logo
Welwyn Components Limit...
MO1S WELWYN-MO1S Datasheet
236Kb / 2P
   Power Metal Oxide Film Resistors
logo
IRC - a TT electronics ...
MO-11001JLF IRCTT-MO-11001JLF Datasheet
459Kb / 1P
   METAL OXIDE RESISTORS
logo
KOA Speer Electronics, ...
MO1CT52A KOA-MO1CT52A Datasheet
100Kb / 2P
   metal oxide power type leaded resistor
MO1CT52A473J KOA-MO1CT52A473J Datasheet
387Kb / 2P
   metal oxide power type leaded resistor
logo
NIC-Components Corp.
NVR NIC-NVR Datasheet
1Mb / 18P
   Leaded Metal Oxide Varistors
logo
Panasonic Semiconductor
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
   Metal Oxide Film Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com