Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3210224 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 3210224
Description  PIT 2,5-DIO/L-R, Feed-through modular terminal block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210224 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  3210224 Datasheet HTML 1Page - PHOENIX CONTACT 3210224 Datasheet HTML 2Page - PHOENIX CONTACT 3210224 Datasheet HTML 3Page - PHOENIX CONTACT 3210224 Datasheet HTML 4Page - PHOENIX CONTACT 3210224 Datasheet HTML 5Page - PHOENIX CONTACT 3210224 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PIT 2,5-DIO/L-R Order No.: 3210224
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3210224
PHOENIX CONTACT Inc., USA
Page 5 / 6
http://www.phoenixcon.com
Apr 9, 2010
0201663
MPS-IH WH
Insulating sleeve, for MPS metal part, Color: white
0201692
MPS-IH YE
Insulating sleeve, for MPS metal part, Color: yellow
0201744
MPS-MT
Metal part
3030925
PAI-4
Test adapter, Color: gray
3030983
PS-5
Test adapter, Color: red
Tools
1204517
SZF 1-0,6X3,5
Screwdriver, blade: 0.6 x 3.5 x 100 mm, length 180 mm
Diagrams/Drawings
Circuit diagram


Similar Part No. - 3210224

ManufacturerPart #DatasheetDescription
logo
Littelfuse
3210200002 LITTELFUSE-3210200002 Datasheet
72Kb / 2P
   MINIATURE FUSES
logo
PHOENIX CONTACT
3210208 PHOENIX-3210208 Datasheet
124Kb / 7P
   PIT 2,5-QUATTRO-TG
3210211 PHOENIX-3210211 Datasheet
64Kb / 6P
   Double-level terminal block - PTTBS 2,5-PV
3210230 PHOENIX-3210230 Datasheet
68Kb / 6P
   Disconnect terminal block - PTT 2,5-L/TG
3210237 PHOENIX-3210237 Datasheet
100Kb / 6P
   PIT 2,5-DIO/R-L, Feed-through modular terminal block
More results

Similar Description - 3210224

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210237 PHOENIX-3210237 Datasheet
100Kb / 6P
   PIT 2,5-DIO/R-L, Feed-through modular terminal block
3209510 PHOENIX-3209510 Datasheet
116Kb / 6P
   PIT 2,5 - Feed-through modular terminal block
3209578 PHOENIX-3209578 Datasheet
133Kb / 6P
   PIT 2,5-QUATTRO, Feed-through modular terminal block
3209549 PHOENIX-3209549 Datasheet
122Kb / 6P
   PIT 2,5-TWIN, Feed-through modular terminal block
3210266 PHOENIX-3210266 Datasheet
118Kb / 6P
   PIT 2,5-QUATTRO-DIO/L-R
3210279 PHOENIX-3210279 Datasheet
108Kb / 6P
   PIT 2,5-QUATTRO-DIO/R-L
3210567 PHOENIX-3210567 Datasheet
109Kb / 6P
   PITTB 2,5 , Feed-through modular terminal block
3210240 PHOENIX-3210240 Datasheet
80Kb / 6P
   Component terminal block - PT 2,5-TWIN-DIO/L-R
3036534 PHOENIX-3036534 Datasheet
136Kb / 13P
   Component terminal block - ST 2,5-QUATTRO-DIO/R-L
3210253 PHOENIX-3210253 Datasheet
571Kb / 29P
   Component terminal block - PT 2,5-TWIN-DIO/R-L
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com