Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3T-SL12 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3T-SL12
Description  Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-SL12 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3T-SL12 Datasheet HTML 2Page - Omron Electronics LLC E3T-SL12 Datasheet HTML 3Page - Omron Electronics LLC E3T-SL12 Datasheet HTML 4Page - Omron Electronics LLC E3T-SL12 Datasheet HTML 5Page - Omron Electronics LLC E3T-SL12 Datasheet HTML 6Page - Omron Electronics LLC E3T-SL12 Datasheet HTML 7Page - Omron Electronics LLC E3T-SL12 Datasheet HTML 8Page - Omron Electronics LLC E3T-SL12 Datasheet HTML 9Page - Omron Electronics LLC E3T-SL12 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
E3T
6
Sensor I/O Connectors (For M12, refer to XS5. For e-CON, contact your OMRON representative.)
Note: When using Through-beam models, order one connector for the Receiver and one for the Emitter.
Ratings and Specifications
* Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
Size
Cable
Appearance
Cable type
Model
M12
(For -M1TJ
models)
Standard
2 m
4-wire
XS5F-D421-D80-A
5 m
XS5F-D421-G80-A
e-CON
Standard cable
2 m
4-wire
E39-ECON2M
5 m
E39-ECON5M
0.5 to 1 m
E39-ECONW
@M
1.1 to 1.5 m
Replace
@ with the cable length in
0.1-m increments.
1.6 to 2 m
Sensing method
Through-beam
Retro-reflective (without M.S.R.
function)
Side-view
Flat
Side-view
NPN
PNP
NPN
PNP
NPN
PNP
E3T-ST11
E3T-ST12
E3T-ST21
E3T-ST22
E3T-ST13
E3T-ST14
E3T-ST23
E3T-ST24
E3T-FT11
E3T-FT12
E3T-FT21
E3T-FT22
E3T-FT13
E3T-FT14
E3T-FT23
E3T-FT24
E3T-SR41
E3T-SR42
E3T-SR43
E3T-SR44
Sensing distance
E3T-ST1
@
1 m
E3T-ST2
@
300 mm
E3T-FT1
@
500 mm
E3T-FT2
@
300 mm
E3T-SR4
@
200 mm (30 mm) (Using the E39-R4)
100 mm (10 mm) (Using the E39-R37-CA)
Standard sensing object
Opaque, 2-mm dia. min.
Opaque, 1.3-mm dia. min.
Opaque, 27-mm dia. min.
Minimum detectable
object (typical)
2-mm dia opaque object
1.3-mm dia opaque object
2-mm dia.
(sensing distance of 100 mm)
Hysteresis (white paper)
---
Black/white error
---
Directional angle
Emitter: 2
° to 20°, Receiver: 2° to 70° Emitter: 3° to 25°, Receiver: 3° min. 2° to 20°
Light source (wavelength)
Red LED (“Pin-point” LED)
λ = 650 nm
Power supply voltage
12 to 24 VDC
±10%, ripple (p-p) 10% max.
Current consumption
30 mA max. (Emitter 10 mA max., Receiver 20 mA max.)
20 mA max.
Control output
Load power supply voltage: 26.4 VDC max.
Load current: 50 mA max. (residual voltage: 2 V max. for load current of 10 to 50 mA, 1 V max. for load current of less than 10 mA)
Open-collector output
Light ON: E3T-
@@@1 and E3T-@@@3Dark ON: E3T-@@@2 and E3T-@@@4
Protection circuits
Power supply and control output reverse polarity protection
Output short-circuit protection
Power supply and control output re-
verse polarity protection
Output short-circuit protection, Mutual
interference prevention
Response time
Operate or reset: 1 ms max.
Ambient illumination
Incandescent lamp: 5,000 lx max.,
Sunlight: 10,000 lx max.
Ambient temperature range
Operating:
−25 to 55°C
Storage:
−40 to 70°C (with no icing or condensation)
Ambient humidity range
Operating: 35% to 85%
Storage: 35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. at 500 VDC
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction: 10 to 2,000 Hz, 1.5-mm double amplitude or 300 m/s2 for 0.5 hrs each in X, Y, and Z directions
Shock resistance
Destruction: 1,000 m/s2 3 times each in X, Y, and Z directions
Degree of protection
IP67 (IEC60529)
Connection method
Pre-wired (standard length: 2 m)
Weight
Approx. 40 g
Approx. 20 g
Materials
Case
PBT (polybutylene terephthalate)
Display window Denatured polyarylate
Lens
Denatured polyarylate
Methacrylic resin
Accessories
Instruction manual, Installation Phillips screws (Side-view Models: M2
× 14, Flat Models: M2 × 8), Nuts, Spring
washers, Flat washers, E39-R4 (E3T-SR4
@ only), E39-R37-CA (E3T-SR4@-S only)
Straight
Connector on one end
Connector on both ends


Similar Part No. - E3T-SL12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-SL12 OMRON-E3T-SL12 Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-SL12 OMRON-E3T-SL12 Datasheet
846Kb / 16P
   Subminiature Photoelectric Sensor
E3T-SL122M OMRON-E3T-SL122M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-SL12M2M OMRON-E3T-SL12M2M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
More results

Similar Description - E3T-SL12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-G61 OMRON-E3Z-G61 Datasheet
446Kb / 5P
   Grooved-type Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com