Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-DA21-S2M Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3X-DA21-S2M
Description  Digital Fiber Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DA21-S2M Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3X-DA21-S2M Datasheet HTML 6Page - Omron Electronics LLC E3X-DA21-S2M Datasheet HTML 7Page - Omron Electronics LLC E3X-DA21-S2M Datasheet HTML 8Page - Omron Electronics LLC E3X-DA21-S2M Datasheet HTML 9Page - Omron Electronics LLC E3X-DA21-S2M Datasheet HTML 10Page - Omron Electronics LLC E3X-DA21-S2M Datasheet HTML 11Page - Omron Electronics LLC E3X-DA21-S2M Datasheet HTML 12Page - Omron Electronics LLC E3X-DA21-S2M Datasheet HTML 13Page - Omron Electronics LLC E3X-DA21-S2M Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
E3X-DA-S
10
E3X-DA
@R-S (@: 21/51/7/9)
✽ The fiber length is 2 m on each side, so the sensing distance is given as 4,000 mm.
✽1. The fiber length is 2 m on each side, so the sensing distance is given as 4,000 mm.
✽2. The sensor will detect light even if there is no sensing object, and so Tough Mode cannot be used.
Fiber Unit
Amplifier Unit
E3X-DA
@R-S (@: 21/51/7/9)
Movable section (Flexibility)
Sensing distance (unit: mm)
Sensing
method
Type
Size
Model
Tough mode
High-resolution
mode
Standard
mode
High-speed
mode
Super-high-
speed mode
Through-
beam
models
Screw-shaped
model
M3
E32-T21 2M
340
240
200
110
45
M4
E32-T11 2M
1,250
900
680
450
180
Cylindrical
model
φ1.5
E32-T22B 2M
340
240
200
110
45
φ3
E32-T12B 2M
1,250
900
680
450
180
Flat model
Standard
E32-T15XB 2M
1,250
900
680
450
180
Small
E32-T25XB 2M
250
180
150
85
35
Reflective
models
Screw-shaped
model
M3
E32-D21 2M
70
50
30
20
8
M4
E32-D21B 2M
150
110
70
45
20
M6
E32-D11 2M
420
300
170
120
50
Cylindrical
model
φ1.5
E32-D22B 2M
70
50
30
20
8
φ3
E32-D221B 2M
150
110
70
45
20
Flat model
Standard
E32-D15XB 2M
420
300
170
120
50
Small
E32-D25XB 2M
120
85
50
30
15
Fiber Unit
Amplifier Unit
E3X-DA
@R-S (@: 21/51/7/9)
Heat-resistance model
Sensing distance (unit: mm)
Sensing
method
Operating
temperature
Lens
Model
Tough mode
High-resolution
mode
Standard
mode
High-speed
mode
Super-high-
speed mode
Through-
beam
models
100
°C
---
E32-T51R 2M
800
560
425
280
110
Lens
E32-T51R 2M + E39-F1
4,000
3,900
2,900
1,900
760
High-power lens
E32-T51R 2M + E39-F16
4,000
4,000
4,000
3,600
1,400
150
°C
---
E32-T51 2M
1,400
1,000
760
500
200
Lens
E32-T51 2M + E39-F1-33
4,000
3,400
2,660
1,150
700
High-power lens
E32-T51 2M + E39-F16
4,000
4,000
4,000
4,000
2,600
---
E32-T54 2M
420
300
230
150
60
200
°C
E32-T81R-S 2M
500
360
280
180
70
E32-T61-S 2M
840
600
450
300
120
Lens
E32-T61-S 2M + E39-F1
4,000
4,000
3,400
2,200
900
350
°C
---
E32-T61-S 2M
840
600
450
300
120
High-power lens
E32-T61-S 2M + E39-F16
4,000
4,000
4,000
3,900
1,500
Reflective
models
100
°C
---
E32-D51R 2M
330
240
135
95
40
150
°C
E32-D51 2M
560
400
230
160
72
200
°C
E32-D81R 2M
210
150
90
60
27
350
°C
E32-D61 2M
210
150
90
60
27
400
°C
E32-D73 2M
140
100
60
40
18
Fiber Unit
Amplifier Unit
E3X-DA
@R-S (@: 21/51/7/9)
Chemical-resistance / Oil-resistance model
Sensing distance (unit: mm)
Sensing
method
Type
Model
Tough mode
High-resolution
mode
Standard
mode
High-speed
mode
Super-high-
speed mode
Through-
beam
models
φ5
E32-T12F 2M
4,000 ✽1
4,000 ✽1
3,000
2,000
800
φ7.2
E32-T11F 2M
3,500
2,500
2,000
1,300
520
φ5
Heat-resistance model
E32-T51F 2M
2,500
1,800
1,400
900
350
φ5
Side view
E32-T14F 2M
700
500
400
250
100
M4
Chemical-resistance cable
E32-T11U 2M
1,250
900
680
450
180
M4
Right angle Chemical-resistance cable
E32-T11NU 2M
720
520
400
260
100
Reflective
models
φ6
E32-D12F 2M
--- ✽2
160
95
65
30
φ7
Side view
E32-D14F 2M
--- ✽2
70
40
30
10
M6
Chemical-resistance cable
E32-D11U 2M
420
300
170
120
50
Fiber Unit
Amplifier Unit
E3X-DA
@R-S (@: 21/51/7/9)
Vacuum-resistance model
Sensing distance (unit: mm)
Sensing
method
Operating ambient
temperature
Sensing
direction
Model
Tough mode
High-resolution
mode
Standard
mode
High-speed
mode
Super-high-
speed mode
Through-
beam
models
120
°C
Top view
E32-T51V 1M
360
260
200
130
50
E32-T51V 1M + E39-F1V
1,890
1,350
1,000
680
260
Right angle
E32-T54V 1M
290
210
130
100
35
200
°C
E32-T84SV 1M
880
630
480
320
130
For information on Fiber Units, refer to the Fiber Sensors Best Selection Catalog (Cat. No. E353).


Similar Part No. - E3X-DA21-S2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DA21-N OMRON-E3X-DA21-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results

Similar Description - E3X-DA21-S2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E3X-DA8-S OMRON-E3X-DA8-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E32C312M OMRON-E32C312M Datasheet
17Mb / 67P
   Fiber Sensors
E32T24S OMRON-E32T24S Datasheet
17Mb / 67P
   Fiber Sensors
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
List of Unclassifed Man...
FX-300 ETC-FX-300 Datasheet
13Mb / 28P
   Digital Fiber Sensor
logo
TEXAS ADVANCED OPTOELEC...
TCS3404 TAOS-TCS3404 Datasheet
347Kb / 40P
   DIGITAL COLOR SENSORS
logo
SICK AG
LL3-DM02 SICK-LL3-DM02 Datasheet
230Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DJ02 SICK-LL3-DJ02 Datasheet
231Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DC06 SICK-LL3-DC06 Datasheet
207Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com