Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNS-SBP-AR81-A Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # CNS-SBP-AR81-A
Description  PCMCIA II Slot - Single Deck (SMT Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

CNS-SBP-AR81-A Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  CNS-SBP-AR81-A Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. CNS-SBP-AR81-A Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Trading Division
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
Connectors
A-47
Section A - A
A
A
Detail A
Example: Single Deck SMT Fixing with 5.0mm Stand-off
Rear Socket
Section B - B
Please Note: this hole for stand-off 2.2mm
and 5.0mm lies on the center line with the SMD pad
Rear Socket Section Details
Example PCB Layout
With Stand-off
Without Stand-off
Contact Dimensions at
Length
Contacts A1, A17, A34, A35,
A51 and A68
5.00 ±0.1
Contacts A36 and A67
3.50 ±0.1
All other contacts
4.25 ±0.1
Top View
5.0
Series CNS
PCMCIA II Slot - Single Deck (SMT Type)


Similar Part No. - CNS-SBP-AR81-A

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
CNS-BBAR-KIT ADVANCEDENERGY-CNS-BBAR-KIT Datasheet
1Mb / 11P
   ARTESYN CNS650-M SERIES
01 4.20
logo
Yamaichi Electronics Co...
CNS-DBP-ALL-10-A YAMAICHI-CNS-DBP-ALL-10-A Datasheet
198Kb / 2P
   PCMCIA II Slot - Double Deck (SMT Type)
CNS-DBP-ALL-10-A-1 YAMAICHI-CNS-DBP-ALL-10-A-1 Datasheet
198Kb / 2P
   PCMCIA II Slot - Double Deck (SMT Type)
CNS-DBP-ALL-10-B YAMAICHI-CNS-DBP-ALL-10-B Datasheet
198Kb / 2P
   PCMCIA II Slot - Double Deck (SMT Type)
CNS-DBP-ALL-10-B-1 YAMAICHI-CNS-DBP-ALL-10-B-1 Datasheet
198Kb / 2P
   PCMCIA II Slot - Double Deck (SMT Type)
More results

Similar Description - CNS-SBP-AR81-A

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CNS-DTP-ARR-10-A-1 YAMAICHI-CNS-DTP-ARR-10-A-1 Datasheet
198Kb / 2P
   PCMCIA II Slot - Double Deck (SMT Type)
logo
FCI connector
71299-625CA FCI-CONNECTOR-71299-625CA Datasheet
974Kb / 11P
   CARDBUS SINGLE DECK ASSY SMT TYPE 123
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
logo
WJ Communication. Inc.
MPR6000 WJCI-MPR6000 Datasheet
538Kb / 2P
   EPC Class 0/1 and 0 in PCMCIA Type II Pkg.
MPR7000 WJCI-MPR7000 Datasheet
602Kb / 2P
   EPC Class 0/1 and 0 in PCMCIA Type II Pkg.
logo
Advantech Co., Ltd.
PCM-3110C ADVANTECH-PCM-3110C_V01 Datasheet
304Kb / 1P
   1-slot PCMCIA Module
22-April-2010
logo
Grayhill, Inc
50M45-01-1-02N GRAYHILL-50M45-01-1-02N Datasheet
582Kb / 7P
   Single Deck Rotary Switches
56SDP30-01-2-AJS GRAYHILL-56SDP30-01-2-AJS Datasheet
72Kb / 4P
   Single Deck Rotary Switches
56A36-01-1-10N-F GRAYHILL-56A36-01-1-10N-F Datasheet
72Kb / 4P
   Single Deck Rotary Switches
77-SERIES GRAYHILL-77-SERIES Datasheet
1Mb / 5P
   Single Deck Rotary Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com