Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2V-X8B2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E2V-X8B2
Description  Proximity Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2V-X8B2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E2V-X8B2 Datasheet HTML 1Page - Omron Electronics LLC E2V-X8B2 Datasheet HTML 2Page - Omron Electronics LLC E2V-X8B2 Datasheet HTML 3Page - Omron Electronics LLC E2V-X8B2 Datasheet HTML 4Page - Omron Electronics LLC E2V-X8B2 Datasheet HTML 5Page - Omron Electronics LLC E2V-X8B2 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ordering Information
Standard-distance Sensors, DC 3-wire, Pre-wired Models (Standard Cable Length: 2 m)
Sensing distance
Output
Operation mode NO
Operation mode NC
Model
Appearance
M12
M18
M30
2mm
5mm
10mm
Shielded
PNP
E2V-X2B1
E2V-X2B2
NPN
E2V-X2C1
E2V-X2C2
PNP
E2V-X5B1
E2V-X5B2
NPN
E2V-X5C1
E2V-X5C2
PNP
E2V-X10B1
E2V-X10B2
NPN
E2V-X10C1
E2V-X10C2
Long-distance Sensors, DC 3-wire, Pre-wired Models (Standard Cable Length: 2 m)
M12
M18
M30
4mm
8mm
15mm
Shielded
PNP
E2V-X4B1
E2V-X4B2
NPN
E2V-X4C1
E2V-X4C2
PNP
E2V-X8B1
E2V-X8B2
NPN
E2V-X8C1
E2V-X8C2
PNP
E2V-X15B1
E2V-X15B2
NPN
E2V-X15C1
E2V-X15C2
Long-distance Sensors, DC 3-wire, Connector Models
M12
M18
M30
4mm
8mm
15mm
Shielded
PNP
E2V-X4B1-M1
E2V-X4B2-M1
NPN
E2V-X4C1-M1
E2V-X4C2-M1
PNP
E2V-X8B1-M1
E2V-X8B2-M1
NPN
E2V-X8C1-M1
E2V-X8C2-M1
PNP
E2V-X15B1-M1
E2V-X15B2-M1
NPN
E2V-X15C1-M1
E2V-X15C2-M1
Long-distance Sensors, DC 3-wire, Smartclick Pre-wired Connector (M12) Models
M12
M18
M30
4mm
8mm
15mm
Shielded
PNP
E2V-X4B1-M1TJ
NPN
E2V-X4C1-M1TJ
PNP
E2V-X8B1-M1TJ
NPN
E2V-X8C1-M1TJ
PNP
E2V-X15B1-M1TJ
NPN
E2V-X15C1-M1TJ
Standard “Twist-and-Click”
Connectors
Model
Applicable Proximity
Sensor Models
Cable
length (m)
Appearance
Type
Standard
cable
Vibration-proof
robot cable
Oil-resistant
polyurethane
cable
2
XS5F-D421-D80-A
E2V-X
@@@-M1/M1TJ
5
XS5F-D421-G80-A
E2V-X
@@@-M1/M1TJ
2
XS5F-D421-D80-F
E2V-X
@@@-M1/M1TJ
5
XS5F-D421-G80-F
E2V-X
@@@-M1/M1TJ
2
XS5F-D421-D80-P
E2V-X
@@@-M1/M1TJ
5
XS5F-D421-G80-P
E2V-X
@@@-M1/M1TJ
Clic
k!
Insert all
the way in.
1/8th of
a turn
Models with 5-m cables are also available and are ordered by adding “5M” to the end of the model number (e.g., E2V-X2B1 5M).
Models with 5-m cables are also available and are ordered by adding “5M” to the end of the model number (e.g., E2V-X4B1 5M).
Smartclick
Connector,
Straight
Sensing distance
Output
Operation mode NO
Operation mode NC
Model
Appearance
Sensing distance
Output
Operation mode NO
Operation mode NC
Model
Appearance
Sensing distance
Output
Operation mode NO
Model
Appearance


Similar Description - E2V-X8B2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8059122 FESTO-8059122 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106572 FESTO-8106572 Datasheet
74Kb / 1P
   Proximity sensors
8106578 FESTO-8106578 Datasheet
70Kb / 1P
   Proximity sensors
8059124 FESTO-8059124 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106575 FESTO-8106575 Datasheet
68Kb / 1P
   Proximity sensors
8059121 FESTO-8059121 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8059120 FESTO-8059120 Datasheet
87Kb / 2P
   Proximity sensors
7/11/22
8059125 FESTO-8059125 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106571 FESTO-8106571 Datasheet
73Kb / 1P
   Proximity sensors
8106574 FESTO-8106574 Datasheet
74Kb / 1P
   Proximity sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com