Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNS-DTP-DLL-81-B-1 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # CNS-DTP-DLL-81-B-1
Description  PCMCIA II Slot - Double Deck (SMT Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

CNS-DTP-DLL-81-B-1 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  CNS-DTP-DLL-81-B-1 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. CNS-DTP-DLL-81-B-1 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Trading Division
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Connectors
A-48
Series CNS
PCMCIA II Slot - Double Deck (SMT Type)
Specifications
Insulation Resistance: 1,000M
Ω min.
Withstanding Voltage: 500V ACrms for 1 minute
Contact Resistance:
40m
Ω max.
Current Rating:
0.5A per contact
Soldering Temp.:
Rear socket: 220°C / 40 sec.,
240°C peak
Materials and Finish
Insulator:
PBT, glass filled (UL94V-0)
Contact:
Phosphor Bronze
Plating:-
Header:
Card side - Au 0.3µm over Ni 2.0µm
Rear side - Au flash over Ni 2.0µm
Rear Socket:
Mating side - Au 0.2µm over Ni 1.0µm
Solder side - Au flash over Ni 1.0µm
Plate:
Stainless Steel
Side Contact: Phosphor Bronze
Plating:
Au over Ni
Features
SMT connector makes assembly and rework easier
Small, light and low profile connector meets
all kinds of PC card system requirements
Various product combinations single
or double deck, right or left eject lever,
polarization styles, various stand-off heights,
fully supports the customer’s design needs
Convenience of PC card removal with
push type eject leve
PCMCIA - 1088
- *
Part Number (Details) for Rear Socket
Packing Number
Available Types
1 = With Kapton Film (Tray)
9 = With Kapton Film (Tape & Reel)
Rear Socket
Connector
CNS
-
D T P - A RR - 1 3 - A -1
Part Number (Details)
*Stand-off products 0.0 and 2.2mm are subject to a
minimum order quantity of 1,120 pcs.
Series
D = Double Deck
PCB Mounting Style:
T = Top
B = Bottom
Voltage Style:
P = 3.3V / 5V Card
A = Plastic Lever
B = Metal Lever
C = Foldable Lever
D = 2 Step Lever
E = Without Ejector
Eject Lever Positions:
RR = Top Right / Bottom Right
RL = Top Right / Bottom Left
LL = Top Left / Bottom Left
LR = Top Left / Bottom Right
*Height of Stand-off:
1 = 0mm
4 = 2.2mm
8 = 5.0mm
Nut Insert:
0 = None (on request)
1 = Header (on request)
2 = Guide (on request)
3 = Header / Guide (standard)
Shield Plate:A = None
B = Top
C = Bottom
D = Top / Bottom
Kapton Film:
no mark = None
1 = Top
2 = Bottom
3 = Top and Bottom


Similar Part No. - CNS-DTP-DLL-81-B-1

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
CNS-BBAR-KIT ADVANCEDENERGY-CNS-BBAR-KIT Datasheet
1Mb / 11P
   ARTESYN CNS650-M SERIES
01 4.20
logo
Yamaichi Electronics Co...
CNS-SBP-AL10-A YAMAICHI-CNS-SBP-AL10-A Datasheet
207Kb / 2P
   PCMCIA II Slot - Single Deck (SMT Type)
CNS-SBP-AL10-A-1 YAMAICHI-CNS-SBP-AL10-A-1 Datasheet
207Kb / 2P
   PCMCIA II Slot - Single Deck (SMT Type)
CNS-SBP-AL10-B YAMAICHI-CNS-SBP-AL10-B Datasheet
207Kb / 2P
   PCMCIA II Slot - Single Deck (SMT Type)
CNS-SBP-AL10-B-1 YAMAICHI-CNS-SBP-AL10-B-1 Datasheet
207Kb / 2P
   PCMCIA II Slot - Single Deck (SMT Type)
More results

Similar Description - CNS-DTP-DLL-81-B-1

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CNS-STP-AR10-A-1 YAMAICHI-CNS-STP-AR10-A-1 Datasheet
207Kb / 2P
   PCMCIA II Slot - Single Deck (SMT Type)
logo
FCI connector
71299-625CA FCI-CONNECTOR-71299-625CA Datasheet
974Kb / 11P
   CARDBUS SINGLE DECK ASSY SMT TYPE 123
logo
WAGO Kontakttechnik Gmb...
2002-2954 WAGO-2002-2954 Datasheet
711Kb / 19P
   Double-deck, double-disconnect terminal block
24.11.2021
logo
List of Unclassifed Man...
690-008-221-013 ETC2-690-008-221-013 Datasheet
113Kb / 1P
   USB CONNECTOR A TYPE, RIGHT ANGLE, DOUBLE DECK
logo
WAGO Kontakttechnik Gmb...
2002-2952 WAGO-2002-2952 Datasheet
680Kb / 19P
   Double-deck, double-disconnect terminal block
24.11.2021
2002-2951 WAGO-2002-2951 Datasheet
679Kb / 19P
   Double-deck, double-disconnect terminal block
23.11.2021
2002-2958 WAGO-2002-2958 Datasheet
716Kb / 19P
   Double-deck, double-disconnect terminal block
24.11.2021
2002-2961 WAGO-2002-2961 Datasheet
706Kb / 18P
   Double-deck carrier terminal block
24.11.2021
2002-2971 WAGO-2002-2971 Datasheet
717Kb / 20P
   Double-deck disconnect terminal block
24.11.2021
logo
NXP Semiconductors
TDA1602A PHILIPS-TDA1602A Datasheet
848Kb / 19P
   Double-deck playback/record IC
April 1992
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com