Electronic Components Datasheet Search |
|
RNS0.6ZH-M6 Datasheet(PDF) 3 Page - Power-One |
|
RNS0.6ZH-M6 Datasheet(HTML) 3 Page - Power-One |
3 / 16 page Product Specifications RNS Series: 5-10W DC/DC Converters Nov 2001 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs (Outputs of 2.5V & 15V, available with trimming) 2-Nov-01 Rev 1.1 Page 3 of 16 www.power-one.com Output Specifications All specifications apply over input voltage, output load and temperature range, unless otherwise noted. RNS01EE : 3.3V/1.5A Parameter Conditions/Description Min Nom Max Units Output Voltage Setpoint Accuracy Vo Vin.Nom, Io = 1.5A, 25 °C 3.27 3.30 3.33 Vdc Output Current Io Vin.Min to Vin.Max 0.15 1.5 Adc Line Regulation Vin.Min to Vin.Max, 50% Io.Max 25 50 mV Load Regulation Vin.Nom, Io.Min to Io.Max 35 70 mV Dynamic Regulation Peak Deviation Settling Time 50-100% Io.Max load step change. to 1% error band 300 300 ± mV µs Output Voltage Ripple Vr Vin.Min to Vin.Max, Io.Min to Io Max, 20MHz Bandwidth 25 50 mVp-p Admissible Load Capacitance Comax Io.Max, Vin.Nom 2,200 µF Output Current Limit Threshold Icl Vout ≤0.90 Vo.Nom 110 150 %Io.Max Switching Frequency Fs Vin.Nom, Io.Max 410 kHz Temperature Coefficient Tco 0.02 %Vo/ °C Trim Range Vt Io.Min to Io.Max, Vin.Min to Vin.Max 2.75 3.85 Vo RNS01EE Characteristic curves Output Voltage Vs Load 0.00 0.50 1.00 1.50 2.00 2.50 3.00 3.50 4.00 Iout (A) Vout (V) Vin Min Vin Nom Vin Max Efficiency Vs Load 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% Iout (A) Efficiency Vin Min Vin Nom Vin Max |
Similar Part No. - RNS0.6ZH-M6 |
|
Similar Description - RNS0.6ZH-M6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |