Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2V-X4B2-M1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E2V-X4B2-M1
Description  Proximity Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2V-X4B2-M1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E2V-X4B2-M1 Datasheet HTML 1Page - Omron Electronics LLC E2V-X4B2-M1 Datasheet HTML 2Page - Omron Electronics LLC E2V-X4B2-M1 Datasheet HTML 3Page - Omron Electronics LLC E2V-X4B2-M1 Datasheet HTML 4Page - Omron Electronics LLC E2V-X4B2-M1 Datasheet HTML 5Page - Omron Electronics LLC E2V-X4B2-M1 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Aluminum Detection Distance: 1.5 to 2 Times Previous Models
Immunity against aluminum chips has enabled achieving long-distance detection of aluminum
workpieces. The same detection distance has also been achieved for iron, allowing the E2V-X
@ to be
separated from workpieces made of either metal farther than any other Proximity Sensor.
*In-house comparison of M18
Shielded Long-distance Models
Detection Made Visible
An operation indicator that is visible from any direction is provided as a standard feature.
This indicator flashes under unstable conditions for easy installation condition verification at a glance.
Embeddable in Metal.
The first Long-distance Sensor that is shielded. Possible to be completely embedded in metal.
01234567
8
9
Excellent Performance, with Aluminum Chip Immunity!
Embedded Mounting in Metal
E2E
Standard Model
E2EM
Long-distance (Ferrous Metals)
E2EZ
Aluminum Chip Immunity
E2EV
All Metals
E2V
E2EM
E2V
Applications
Long-distance Detection of Crankshafts
Cylinder Block Seating Detection
Detect Passing Parts
01234567
8
9
Sensing distance (mm)
Sensing distance (mm)
E2E
E2EM
E2EZ
E2EV
E2V
Aluminum
Also Detects Iron at Long Distances!
Iron
×1.5
Previous Sensor
Visible
The indicator
may be difficult
to see from some
directions.
The indicator is
visible from
any direction.
E2V Pre-wired Models
and Pre-wired Connector Models
E2V Connector Models
180°
180°
180°
The indicator is
visible from
any direction.


Similar Description - E2V-X4B2-M1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8059122 FESTO-8059122 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106572 FESTO-8106572 Datasheet
74Kb / 1P
   Proximity sensors
8106578 FESTO-8106578 Datasheet
70Kb / 1P
   Proximity sensors
8059124 FESTO-8059124 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106575 FESTO-8106575 Datasheet
68Kb / 1P
   Proximity sensors
8059121 FESTO-8059121 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8059120 FESTO-8059120 Datasheet
87Kb / 2P
   Proximity sensors
7/11/22
8059125 FESTO-8059125 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106571 FESTO-8106571 Datasheet
73Kb / 1P
   Proximity sensors
8106574 FESTO-8106574 Datasheet
74Kb / 1P
   Proximity sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com