Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5AR-T Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E5AR-T
Description  Programmable Digital Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AR-T Datasheet(HTML) 4 Page - Omron Electronics LLC

  E5AR-T Datasheet HTML 1Page - Omron Electronics LLC E5AR-T Datasheet HTML 2Page - Omron Electronics LLC E5AR-T Datasheet HTML 3Page - Omron Electronics LLC E5AR-T Datasheet HTML 4Page - Omron Electronics LLC E5AR-T Datasheet HTML 5Page - Omron Electronics LLC E5AR-T Datasheet HTML 6Page - Omron Electronics LLC E5AR-T Datasheet HTML 7Page - Omron Electronics LLC E5AR-T Datasheet HTML 8Page - Omron Electronics LLC E5AR-T Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
E5AR-T
4
■ Characteristics
Note 1: K-, T-, or N-type thermocouple at
−100°C max.: ±2°C ±1 digit max.
U- or L-type thermocouple:
±2°C ±1 digit max.
B-type thermocouple at 400
°C max.: No accuracy specification.
R- or S-type thermocouple at 200
°C max.: ±3°C ±1 digit max.
W-type thermocouple: (
±0.3% of PV or ±3°C, whichever is greater) ±1 digit max.
2: U- or L-type thermocouple:
±1°C ±1 digit
R- or S-type thermocouple at 200
°C max.: ±1.5°C ±1 digit
3: “EU” (Engineering Unit) represents the unit after scaling. If a temperature sensor is used, it is either
°C or °F.
Indication accuracy
Thermocouple input with cold junction compensation: (
±0.1% of PV or ±1°C, whichever is greater) ±1 digit max. (See note 1.)
Thermocouple input without cold junction compensation: (
±0.1% FS or ±1°C, whichever is smaller) ±1 digit (See note 2.)
Analog input:
±0.1% FS ±1 digit max.
Platinum resistance thermometer input: (
±0.1% of PV or ±0.5°C, whichever is greater) ±1 digit max.
Position-proportional potentiometer input:
±5% FS ±1 digit max.
Control mode
Standard control (heating or cooling control), heating/cooling control, standard control with remote SP (2-input models only), heating/cool-
ing control with remote SP (2-input models only), cascade standard control (2-input models only), cascade heating/cooling control (2-input
models only), proportional control (2-input models only), position-proportional control (control-valve control models only)
Influence of temperature
Thermocouple input (R, S, B, W): (±1% of PV or ±10°C, whichever is greater) ±1 digit max.
Other thermocouple input: (±1% of PV or ±4°C, whichever is greater) ±1 digit max.
*K thermocouple at -100°C max.: ±10°C max.
Platinum resistance thermometer: (±1% of PV or ±2°C, whichever is greater) ±1 digit max.
Analog input: (±1%FS) ±1 digit max.
Influence of voltage
Control period
0.2 to 99.0 s (in units of 0.1 s) for time-proportioning control output
Proportional band (P)
0.00% to 999.99% FS (in units of 0.01% FS)
Integral time (I)
0.0 to 3,999.9 s (in units of 0.1 s)
Derivative time (D)
0.0 to 3,999.9 s (in units of 0.1 s)
Hysteresis
0.01% to 99.99% FS (in units of 0.01% FS)
Manual reset value
0.0% to 100.0% (in units of 0.1% FS)
Alarm setting range
−19,999 to 99,999 EU (See note 3.)
(The decimal point position depends on the input type and the decimal point position setting.)
Input sampling period
50 ms
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min (between charged terminals of different polarities)
Vibration resistance
(malfunction)
10 to 55 Hz, 20 m/s2 for 10 min each in X, Y, and Z directions
Shock resistance
(malfunction)
100 m/s2, 3 times each in X, Y, and Z directions
Inrush current
100 to 240-VAC models: 50 A max.
24 VAC/VDC models: 30 A max.
Weight
Controller only: Approx. 450 g; Mounting bracket: Approx. 60 g; Terminal cover: Approx. 30 g
Degree of protection
Front panel: NEMA4X for indoor use; Rear case: IP20; Terminals: IP00
Memory protection
Non-volatile memory (number of writes: 100,000)
Applicable standards
UL 61010C-1, CSA C22.2 No. 1010-1
(Power supply voltage: 100 to 120 VAC): Pollution degree 2/Overvoltage category 2
EN 61010-1 (IEC 61010-1) (Power supply voltage: 100 to 240 VAC): Pollution degree 2/Overvoltage category 2
EMC
EMI: EN61326
Radiated Interference Electromagnetic Field Strength: EN55011 Group 1 Class A
Noise Terminal Voltage: EN55011 Group 1 Class A
EMS: EN61326
ESD Immunity: EN61000-4-2:
4 kV contact discharge (level 2)
8 kV air discharge (level 3)
Electromagnetic Immunity: EN61000-4-3:
10 V/m (amplitude-modulated, 80 MHz to 1 GHz, 1.4 GHz to 2 GHz) (level 3)
Burst Noise Immunity:
EN61000-4-4:2 kV power line (level 3)
2 kV output line (relay output) (level 4)
1 kV measurement line, I/O signal line (level 4)
1 kV communications line (level 3)
Conducted Disturbance Immunity: EN61000-4-6:
3 V (0.15 to 80 MHz) (level 3)
Surge Immunity:
EN61000-4-5:1 kV line to line (power line, output line (relay output)) (level 2)
2 kV line to ground (power line, output line (relay output)) (level 3)
Power Frequency Magnetic Field Immunity: EN61000-4-8: 30 A/m (50 Hz) continuous field
Voltage Dip/Interrupting Immunity: EN61000-4-11:
0.5 cycle, 100% (rated voltage)


Similar Part No. - E5AR-T

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
E5AB CHENDA-E5AB Datasheet
630Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
Omron Electronics LLC
E5AC OMRON-E5AC Datasheet
12Mb / 112P
   Digital Temperature Controller
E5AC-T OMRON-E5AC-T Datasheet
12Mb / 112P
   Digital Temperature Controller
E5AK OMRON-E5AK Datasheet
694Kb / 36P
   Digital Controller
E5AK-AA2 OMRON-E5AK-AA2 Datasheet
694Kb / 36P
   Digital Controller
More results

Similar Description - E5AR-T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5ER-T OMRON-E5ER-T Datasheet
939Kb / 10P
   Programmable Digital Controller
logo
Fuji Electric
EDS11-132B FUJI-EDS11-132B Datasheet
142Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](PROGRAMMABLE CONTINUOUS OUTPUT TYPE)
EDS11-140B FUJI-EDS11-140B Datasheet
143Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](PROGRAMMABLE STEP OUTPUT TYPE)
EDSX11-140A FUJI-EDSX11-140A Datasheet
112Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (PROGRAMMABLE STEP OUTPUT TYPE)
EDSX11-132E FUJI-EDSX11-132E Datasheet
120Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (PROGRAMMABLE CONTINUOUS OUTPUT TYPE)
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com