Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP-3660-B Datasheet(PDF) 2 Page - Bud Industries, Inc.

Part # HP-3660-B
Description  HAND HELD PLASTIC STYLE 3
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.

HP-3660-B Datasheet(HTML) 2 Page - Bud Industries, Inc.

  HP-3660-B Datasheet HTML 1Page - Bud Industries, Inc. HP-3660-B Datasheet HTML 2Page - Bud Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BUD INDUSTRIES, INC. • 4605 E. 355th Street • P.O. Box 998
Willoughby, Ohio 44094 • (440) 946-3200 • Fax (440) 951-4015
E-MAIL: saleseast@budind.com • WEB SITE: www.budind.com
BUD WEST • 10000 N 31st Ave. Suite D-401 • Phoenix, Arizona
85051 • (602) 870-8377 • Fax (602) 870-8477
Trade name
Hand Held Plastic Style 3
Benefits and Features
Compact, ergonomic design.
Made from durable ABS plastic with
UL94-HB
flammability
rating
in
black color.
Removable end panel allows for easy
modification.
Internal PCB mounting bosses.
Complete with top cover, bottom
cover, end panel, battery door, and
assembly hardware.
Recessed top suitable for label or
keypad.
Molded-in holes for HH-3595-BCB
belt clip.
Accessories
HP-3645 Transparent red lens (See
table)
HP-3646 Transparent red lens (See
table)
HH-3442-C (Contact Kit for (2) AA
batteries)
HH-3449 (Clip for (1) 9V battery)
excludes HH-3660 & HH-3662
HH-3630 (Holder for (2) AAA batteries)
HH-3631 (Holder for (4) AAA batteries)
excludes HH-3660 & HH-3662
HH-3632 (Holder for (2) AA batteries)
excludes HH-3660 & HH-3662
HH-3633 (Holder for (4) AA batteries)
excludes HH-3660 & HH-3662
HH-3595-BCB (Black Belt Clip)
Applications
Data Display Units
Test Equipment
Controllers
Competition and Competitive
Advantages
Hammond
OKW
Pac-Tec
Teko
Related Products
LCD Displays
Keypads
Pushbuttons
Key Customer Contacts
Design Engineers
Application Engineers
Purchasing Agents
PCB Designers
Test Engineers
Questions to Ask
Who specifies your enclosures?
Is your product held in the operator’s
hand?
Do you need to remote input or
record data?
Competition
Bud Catalog
Number
Hammond
HP-3660-B
1593SBK
HP-3661-B
1593PBK
HP-3662-B
1593TBK
HP-3663-B
1593QBK
HP-3664-B
1593YBK


Similar Part No. - HP-3660-B

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
HP-3645 BUD-HP-3645 Datasheet
179Kb / 2P
   HAND HELD PLASTIC STYLE 2
HP-3647 BUD-HP-3647 Datasheet
179Kb / 2P
   HAND HELD PLASTIC STYLE 2
HP-3648 BUD-HP-3648 Datasheet
179Kb / 2P
   HAND HELD PLASTIC STYLE 2
HP-3649-B BUD-HP-3649-B Datasheet
47Kb / 1P
   HAND-HELD PLASTIC BOX (STYLE 1)
HP-3650-B BUD-HP-3650-B Datasheet
179Kb / 2P
   HAND HELD PLASTIC STYLE 2
More results

Similar Description - HP-3660-B

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
HP-3650-B BUD-HP-3650-B Datasheet
179Kb / 2P
   HAND HELD PLASTIC STYLE 2
HP-3649-B BUD-HP-3649-B Datasheet
47Kb / 1P
   HAND-HELD PLASTIC BOX (STYLE 1)
HH-3600-B BUD-HH-3600-B Datasheet
90Kb / 1P
   HAND HELD ENCLOSURE (STYLE M)
HH-3490 BUD-HH-3490 Datasheet
74Kb / 1P
   HAND HELD ENCLOSURE (STYLE D)
HH-3400-BC BUD-HH-3400-BC Datasheet
43Kb / 1P
   HAND HELD ENCLOSURE (STYLE A)
HH-3496 BUD-HH-3496 Datasheet
79Kb / 1P
   HAND HELD ENCLOSURE (STYLE G)
HH-3420 BUD-HH-3420 Datasheet
65Kb / 1P
   HAND HELD ENCLOSURE (STYLE B)
HH-3430-BCB BUD-HH-3430-BCB Datasheet
88Kb / 1P
   HAND HELD BOX (STYLE C)
logo
SICK AG
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
   HAND-HELD SCANNERS
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
   HAND-HELD SCANNERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com