Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CN-C2MT-500 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E5CN-C2MT-500
Description  Basic-type Digital Temperature Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-C2MT-500 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E5CN-C2MT-500 Datasheet HTML 7Page - Omron Electronics LLC E5CN-C2MT-500 Datasheet HTML 8Page - Omron Electronics LLC E5CN-C2MT-500 Datasheet HTML 9Page - Omron Electronics LLC E5CN-C2MT-500 Datasheet HTML 10Page - Omron Electronics LLC E5CN-C2MT-500 Datasheet HTML 11Page - Omron Electronics LLC E5CN-C2MT-500 Datasheet HTML 12Page - Omron Electronics LLC E5CN-C2MT-500 Datasheet HTML 13Page - Omron Electronics LLC E5CN-C2MT-500 Datasheet HTML 14Page - Omron Electronics LLC E5CN-C2MT-500 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
E5CN/E5CN-U
External Connections
• A voltage output (control output, for driving SSR) is not electrically insulated from the internal circuits. When using a grounding thermocouple,
do not connect any of the control output terminals to ground. (If the control output terminals are connected to ground, errors will occur in the
measured temperature values as a result of leakage current.)
• Consult with your OMRON representative before using the external power supply for the ES1B for any other purpose.
E5CN
Controllers
Option Units
E5CN-U
Note: For the Wiring Socket, purchase the P2CF-11 or PG3A-11 separately.
Voltage output (for driving SSR)
12 VDC, 21 mA
Control output 2
Relay output
250 VAC, 3 A (resistive load)
Voltage output (for driving SSR)
12 VDC, 21 mA
Current output
0 to 20 mA DC
Load: 600
Ω max.
4 to 20 mA DC
Long-life relay output
250 VAC, 3 A (resistive load)
Control output 1
Auxiliary outputs
(relay outputs)
A
B
B
TC/Pt
universal input
Input power supply
Control output 1
Auxiliary outputs (relay outputs)
250 VAC, 3 A
(resistive load)
• 100 to 240 VAC
• 24 VAC/VDC (no polarity)
Analog input
V
Auxiliary output 2
mA
Auxiliary output 1
A heater burnout alarm, heater short alarm,
heater overcurrent alarm, or input alarm is
sent to the output to which the alarm 1
function is assigned.
DO NOT
USE
DO NOT
USE
DO NOT
USE
The E5
@N-@@@T@ is set for a K-type
thermocouple (input type = 5) by default. An
input error (
s.err) will occur if the input type
setting does not agree with the temperature
sensor. Check the input type.
11
12
13
14
15
EV1
EV2
E53-CNHBN2
Event inputs
and CT
11
12
13
14
15
E53-CNPBN2
Event Inputs and
External Power Supply
EV1
EV2
+
External
power supply
12 VDC,
20 mA
11
12
13
14
15
E53-CNPHN2
External Power
Supply and CT
+
External
power supply
12 VDC,
20 mA
11
12
13
14
15
B(+)
A(
−)
RS-485
E53-CNP03N2
Communications (RS-485)
and External Power Supply
+
External
power supply
12 VDC,
20 mA
11
12
13
14
15
E53-CNQHN2
Control Output 2
and CT
+
Control output 2
11
12
13
14
15
EV1
EV2
E53-CNQBN2
Event Inputs and
Control Output 2
+
Control output 2
11
12
13
14
15
B(+)
A(
−)
RS-485
E53-CNHH03N2
Communications
(RS-485) and CT2
11
12
13
14
15
B(+)
A(
−)
RS-485
E53-CNQ03N2
Communications
(RS-485) and
Control Output 2
+
Control output 2
11
12
13
14
15
B(+)
A(
−)
RS-485
E53-CN03N2
Communications
(RS-485)
11
12
13
14
15
EV1
EV2
E53-CNBN2
Event inputs
11
12
13
14
15
E53-CNQHHN2
Control Output 2
and CT2
+
Control output 2
11
12
13
14
15
B(+)
A(
−)
RS-485
E53-CNH03N2
Communications
(RS-485) and CT
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
CT1
CT1
CT1
CT1
CT1
CT1
CT2
CT2
A
B
B
Auxiliary output
250 VAC, 3 A (resistive load)
Control output 1
TC/Pt
universal input
Input power supply
• 100 to 240 VAC
• 24 VAC/VDC (no polarity)
Auxiliary output 1
(Relay outputs)
Analog input
V
mA
An input error is sent to the
output to which the alarm 1
function is assigned.
Current output
0 to 20 mA DC
Relay output
(three terminals used)
SPDT, 250 VAC, 3 A
(resistive load)
Voltage output
(for driving SSR)
12 VDC, 21 mA
Load: 600 W max.
4 to 20 mA DC
Control output 1
Auxiliary output 2
(Control output (cooling side))
DO NOT
USE
DO NOT
USE
DO NOT
USE
The E5
@N-@@@T@ is set for a
K-type thermocouple (input type = 5)
by default. An input error (
s.err) will
occur if the input type setting does
not agree with the temperature
sensor. Check the input type.


Similar Part No. - E5CN-C2MT-500

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CN-C2MT-500 OMRON-E5CN-C2MT-500 Datasheet
778Kb / 24P
   Digital Temperature Controllers
E5CN-C2MT-500 OMRON-E5CN-C2MT-500 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
More results

Similar Description - E5CN-C2MT-500

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5GN OMRON-E5GN_09 Datasheet
1Mb / 17P
   Basic-type Digital Temperature Controller
E5AN OMRON-E5AN Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
logo
SELEC Controls Pvt. Ltd
PID528 SELEC-PID528 Datasheet
728Kb / 2P
   Basic PID Temperature Controller
TC518 SELEC-TC518 Datasheet
707Kb / 2P
   Basic PID Temperature Controller
logo
Omron Electronics LLC
E5CC-800 OMRON-E5CC-800 Datasheet
8Mb / 36P
   Digital Temperature Controller (Simple Type)
04/12
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
   DIGITAL TEMPERATURE CONTROLLER
logo
Omron Electronics LLC
E5XC OMRON-E5XC Datasheet
12Mb / 112P
   Digital Temperature Controller
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
Fuji Electric
EDS11-81 FUJI-EDS11-81 Datasheet
286Kb / 5P
   DIGITAL SETTING TEMPERATURE CONTROLLER DIGIZET MINI(DUAL Output Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com