Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5ZN-2CNF03P-FLK Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E5ZN-2CNF03P-FLK
Description  Modular Temperature Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5ZN-2CNF03P-FLK Datasheet(HTML) 5 Page - Omron Electronics LLC

  E5ZN-2CNF03P-FLK Datasheet HTML 1Page - Omron Electronics LLC E5ZN-2CNF03P-FLK Datasheet HTML 2Page - Omron Electronics LLC E5ZN-2CNF03P-FLK Datasheet HTML 3Page - Omron Electronics LLC E5ZN-2CNF03P-FLK Datasheet HTML 4Page - Omron Electronics LLC E5ZN-2CNF03P-FLK Datasheet HTML 5Page - Omron Electronics LLC E5ZN-2CNF03P-FLK Datasheet HTML 6Page - Omron Electronics LLC E5ZN-2CNF03P-FLK Datasheet HTML 7Page - Omron Electronics LLC E5ZN-2CNF03P-FLK Datasheet HTML 8Page - Omron Electronics LLC E5ZN-2CNF03P-FLK Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
E5ZN
5
■ Communications
(Host Communications)
Note: The baud rate, data bit length, stop bit length, and vertical par-
ity can all be set independently as host communications set-
tings.
: Default setting values
■ Setting Display Unit (Order
Separately)
■ Current Transformer (CT) (Order
Separately)
■ Heater Burnout Alarm
Note: 1. Use the K8AC-H Digital Heater Burnout Alarm Detector for
burnout detection of 3-phase heaters.
2. If the heater burnout alarm setting is set to 0.0 A, the alarm
is always OFF, and if it is set to 50.0 A the alarm is always
ON.
3. If the ON time for control output is less than 190 ms, heater
burnout detection and heater current measurement will not
be performed.
Transmission line
connection method
RS-485 multipoint
Communications
method
RS-485 (2-wire, half-duplex)
Synchronization
method
Start-stop synchronization
Baud rate
4,800, 9,600, 19,200, or 38,400 bps
Transmission code
ASCII
Data bit length
(See note.)
7 or 8 bits
Stop bit length (See
note.)
1 or 2 bits
Error detection
Vertical parity (none, even, odd)
BCC (block check character)
Flow control
None
Interface
RS-485
Retry function
None
Number of Units that
can be connected in
parallel
16 Units max. (32 channels)
Power supply voltage
24 VDC
Allowable voltage
range
85% to 110% of the rated power supply
voltage
Power consumption
Approx. 1 W
Display method
7-segment digital display and single-color
display
Ambient operating
temperature
−10 to 55°C (with no icing or condensa-
tion)
For 3 years of assured use:
−10 to 50°C
Ambient operating hu-
midity
25% to 85%
Storage temperature
−25 to 65°C (with no icing or condensa-
tion)
Communications
method
RS-485 (half-duplex)
Communications for-
mat
Special protocol
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
1,500 VAC for 1 minute at 50 or 60 Hz (be-
tween unlike terminals of charged parts)
Vibration resistance
10 to 55 Hz, 20 m/s2 for 2 h each in X, Y,
and Z directions
Shock resistance
300 m/s2 max., 3 times each in ±X, ±Y, and
±Z directions
Enclosure ratings
Front panel: IP50
Rear case: IP20
Terminal case: IP00
Memory protection
EEPROM (non-volatile memory) (Number
of writes: 100,000)
Weight
Approx. 100 g
Mounting bracket: Approx. 10 g
Dielectric strength
1,000 VAC (1 minute)
Vibration resistance
50 Hz, 98 m/s2
Weight
E54-CT1: Approx. 11.5 g
E54-CT3: Approx. 50 g
Accessories
(E54-CT3 only)
Armature (2)
Plug (2)
Maximum heater
current
Single-phase, 50 A AC (See note 1.)
Input current
readout accuracy
±5% FS ±1 digit max.
Heater burnout
alarm setting range
0.0 to 50.0 A (in units of 0.1 A)
(See note 2.)
Minimum detection ON
time
190 ms (See note 3.)


Similar Part No. - E5ZN-2CNF03P-FLK

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5ZNSCT24S500 OMRON-E5ZNSCT24S500 Datasheet
1Mb / 13P
   New DIN Track Mounting Temperature Controller
More results

Similar Description - E5ZN-2CNF03P-FLK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5080 NSC-LM5080 Datasheet
1Mb / 13P
   Modular Current Sharing Controller
logo
Texas Instruments
LM5080 TI1-LM5080 Datasheet
924Kb / 22P
[Old version datasheet]   Modular Current Sharing Controller
logo
Omron Electronics LLC
E5AX-P OMRON-E5AX-P Datasheet
162Kb / 14P
   Temperature Controller
logo
FOTEK CONTROLS CO., LTD...
TC4896-DA FOTEK-TC4896-DA Datasheet
1Mb / 5P
   Temperature Controller
TC-4896DA-PT-R3-F-S-A FOTEK-TC-4896DA-PT-R3-F-S-A Datasheet
3Mb / 10P
   Temperature Controller
logo
STMicroelectronics
L6733 STMICROELECTRONICS-L6733 Datasheet
60Kb / 3P
   Advanced modular synchronous PWM controller
logo
E+E Elektronik Ges.m.b....
EE212 EPLUSE-EE212 Datasheet
1Mb / 11P
   Modular Humidity and Temperature Sensor
04-2023
logo
TOKO, Inc
TK11051 TOKO-TK11051 Datasheet
55Kb / 8P
   TEMPERATURE CONTROLLER IC
logo
National Semiconductor ...
LM3911 NSC-LM3911 Datasheet
210Kb / 8P
   LM3911 Temperature Controller
logo
SELEC Controls Pvt. Ltd
TC513AX SELEC-TC513AX Datasheet
887Kb / 2P
   Economic Temperature Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com