Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSK2416-7 Datasheet(PDF) 5 Page - Power-One

Part # PSK2416-7
Description  9...25 A Switching Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSK2416-7 Datasheet(HTML) 5 Page - Power-One

  PSK2416-7 Datasheet HTML 1Page - Power-One PSK2416-7 Datasheet HTML 2Page - Power-One PSK2416-7 Datasheet HTML 3Page - Power-One PSK2416-7 Datasheet HTML 4Page - Power-One PSK2416-7 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
288
www.power-one.ch
Edition 5/05.2001
168.5 (6.63")
Measuring point of
case temperature
T
C
60 (2.36")
7 TE
5 TE
171.93 (DIN 41494) (6.77")
152 (5.98")
M4
S09028
Potentiometer
(option P)
Test sockets
LED OK
PSS
PSS, PSK Series
9...25 A Switching Regulators


Similar Part No. - PSK2416-7

ManufacturerPart #DatasheetDescription
logo
Power-One
PSK2416-7 POWER-ONE-PSK2416-7 Datasheet
214Kb / 5P
   9 - 25 A Switching Regulator
More results

Similar Description - PSK2416-7

ManufacturerPart #DatasheetDescription
logo
Power-One
PSS POWER-ONE-PSS Datasheet
214Kb / 5P
   9 - 25 A Switching Regulator
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
   1...6 A Switching Regulators
PSB5A4-7IR POWER-ONE-PSB5A4-7IR Datasheet
57Kb / 4P
   3...8 A Switching Regulators
PSC3E122 POWER-ONE-PSC3E122 Datasheet
54Kb / 4P
   6...12 A Switching Regulators
PSL5A10-7R POWER-ONE-PSL5A10-7R Datasheet
59Kb / 4P
   6...12 A Switching Regulators
PSB POWER-ONE-PSB Datasheet
96Kb / 3P
   3 to 8 A Switching Regulators
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
logo
Cooper Bussmann, Inc.
SD3814-1R2-R COOPER-SD3814-1R2-R Datasheet
372Kb / 4P
   Switching Regulators
logo
Tiger Electronic Co.,Lt...
MC33063ADR2G TGS-MC33063ADR2G Datasheet
2Mb / 7P
   Switching Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com