Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PV7F2T0NN-211 Datasheet(PDF) 1 Page - E-SWITCH

Part # PV7F2T0NN-211
Description  Vandal and Water Resistant, TEMPERATURE: -20째C to 70째C, CONTACT RESISTANCE: 50mOHM Max.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PV7F2T0NN-211 Datasheet(HTML) 1 Page - E-SWITCH

  PV7F2T0NN-211 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES:
• Vandal and Water Resistant
• Long Life Expectancy
SPECIFICATIONS:
RATING: 2A 48VDC
ILLUMINATION BASE RATING:
Red, Yellow, and Orange: 20mA 1.8V
Blue, Green, and White: 20mA 2.8V
TEMPERATURE: -20°C to 70°C
CONTACT RESISTANCE: 50m
 Max.
INSULATION RESISTANCE: 1,000M
Min.
DIELECTRIC STRENGTH: 2,000VAC
MECHANICAL LIFE: 1,000,000 Cycles
ELECTRICAL LIFE: 50,000 Cycles
MATERIALS:
BUTTON: Stainless Steel
Nickel Plated Brass
BODY: Stainless Steel
Nickel Plated Brass
BASE: PBT
PV7F2Y0SS-311
PV7 Series
EXAMPLE PART NUMBERS:
PV7F2T0SS-344 1P Off-On/1P On-Off
Flat Actuator, Blue Ring Illumination, 12V
PV7F2Y0SS
1P Off-(On)/1P On-(Off)
Flat Actuator
PV7F2Y0SS-241 1P Off-(On)/1P On-(Off)
Flat Actuator, Blue Dot Illumination, 2.8V
PV7F2Y0SS-313 1P Off-(On)/1P On-(Off)
Flat Actuator, Red Ring Illumination, 6V
PV7F2Y0SS-351 1P Off-(On)/1P On-(Off)
Flat Actuator, Yellow Ring Illumination, 1.8V
Actuator
Body
Actuator
Contact
Lens
Lens
Illumination
Series
Options Terminal Function
Rating
Finish
Finish
Material
Syle
Color
Voltage
PV7
F - Flat
2 - Solder
2 Pole:
0 - 2A 48VDC N - Nickel
N - Nickel
None - Silver 2 - Dot
0 - White
1 - Base Voltage
Y - 1P Off-(On) / 1P On-(Off)
S - Stainless
S - Stainless G - Gold
3 - Ring 1 - Red
3 - 6V
T - 1P Off-On / 1P On-Off
Steel
Steel
2 - Orange 4 - 12V
3 - Green
5 - 24V
Notes:
4 - Blue
6 - 125V
Additional material, illumination and marking options are available. Please ask your sales person.
5 - Yellow
7 - 250V
For Illuminated Switches Only
Front
Panel Mount
Heavy
Duty
Water
Protection
Illuminated
P.O. Box 25110 • Portland, OR 97298 USA • www.lambind.com
41
Ph: 503-297-8878 • Fax: 503-297-8879
LAMB
INDUSTRIES


Similar Part No. - PV7F2T0NN-211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV700HF ETC2-PV700HF Datasheet
515Kb / 4P
   PowerVerter짰 700W Ultra-Compact Inverter with 3 Outlets
logo
ITT Industries
PV70A10-32AWL ITT-PV70A10-32AWL Datasheet
529Kb / 10P
   Series 2 Connectors PV
PV70A10-32BWL ITT-PV70A10-32BWL Datasheet
529Kb / 10P
   Series 2 Connectors PV
PV70A10-32PWL ITT-PV70A10-32PWL Datasheet
529Kb / 10P
   Series 2 Connectors PV
PV70A10-32SWL ITT-PV70A10-32SWL Datasheet
529Kb / 10P
   Series 2 Connectors PV
More results

Similar Description - PV7F2T0NN-211

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV6 E-SWITCH-PV6 Datasheet
111Kb / 1P
   Vandal and Water Resistant, Long Life Expectancy CONTACT RESISTANCE: 50mOHM Max.
logo
Taoglas antenna solutio...
G20.B.305111.WMC TAOGLAS-G20.B.305111.WMC Datasheet
1Mb / 15P
   Covert and Vandal Resistant
logo
E-SWITCH
PV3 E-SWITCH-PV3 Datasheet
293Kb / 1P
   VANDAL AND WATER RESISTENT
PV4 E-SWITCH-PV4 Datasheet
1Mb / 1P
   VANDAL AND WATER RESISTENT
PV1 E-SWITCH-PV1 Datasheet
179Kb / 1P
   VANDAL AND WATER RESISTENT
PV8 E-SWITCH-PV8 Datasheet
134Kb / 1P
   Vandal and Vandal Resistant, RATING: 2A 36VDC
PV2 E-SWITCH-PV2 Datasheet
169Kb / 1P
   VANDAL RESISTANT
logo
List of Unclassifed Man...
TANGO-20A ETC2-TANGO-20A Datasheet
990Kb / 3P
   Vandal resistant
logo
Taoglas antenna solutio...
WS.02.B.205111 TAOGLAS-WS.02.B.205111 Datasheet
1Mb / 21P
   UV and Vandal Resistant ABS Housing
RI.02.01.3000W TAOGLAS-RI.02.01.3000W Datasheet
678Kb / 12P
   UV and Vandal resistant PP housing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com