Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5S-YB2D-X Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # H5S-YB2D-X
Description  Digital Time Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H5S-YB2D-X Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button H5S-YB2D-X Datasheet HTML 4Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 5Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 6Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 7Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 8Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 9Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 10Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 11Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
H5S
8
Nomenclature
Front Panel (with Cover Open)
Weekly Two-circuit Models
Yearly Two-circuit Models
Yearly Four-circuit Models
Key Operations
13. Day Keys
10. Time Adjustment
Key
12. Output
ON/OFF
Switches
1. Mode
Switch
2. Holiday/
Down Key
3. Write Key
4. m/Pulse Key
5. h Key
6. Reset Key
7. +1h/Clear
Key
8. Copy/Cycle Key
9. Test
Key
11. Output
Setting
Switches
13. Day Keys
10. Time Adjustment
Key
12. Output
ON/OFF
Switches
1. Mode
Switch
2. Holiday/
Down Key
3. Write Key
4. m/Pulse Key
5. h Key
6. Reset Key
7. +1h/Clear
Key
8. Cycle Key
9. Test/
Year
Key
11. Output
Setting
Switches
13. Day Keys
10. Time Adjustment
Key
12. Output
ON/OFF
Switches
1. Mode
Switch
2. Holiday/
Select Program/
Down Key
3. Write Key
4. m/Pulse Key
5. h Key
6. Reset Key
7. +1h/Clear
Key
8. Cycle Key
9. Test/
Year
Key
11. Output
Setting
Switches
No.
Functions
1
Two-circuit Models
P1: Circuit (output) 1 Setting mode
P2: Circuit (output) 2 Setting mode
RUN: RUN mode
Four-circuit Models
PRGM: Setting mode (allows use of the Select Program Key
to set the circuit (output) number)
RUN: RUN mode
2
Two-circuit Models
In RUN mode, this key shifts the Time Switch to the Holiday
Setting mode
In Setting mode or Time Adjustment mode, this key
decrements the value for the operation just completed.
Four-circuit Models
In RUN mode, this key shifts the Time Switch to the Holiday
Setting mode.
When selecting the output, this key is used to set the circuit
(output) number.
In Setting mode or Time Adjustment mode, this key
decrements the value for the operation just completed.
3
Sets parameters.
4
Used to set the current time, ON/OFF time, or pulse width.
5
6
Used to reset all parameters, including the current time.
7
In RUN mode, this key sets or cancels summer time (+1 h)
In Setting mode, this key clears the parameter.
8
In RUN mode (weekly models only), this key shifts the Time
Switch to the Day Override operation setting mode.
In Setting mode, this key shifts the Time Switch to cyclic
operation setting.
9
In RUN mode, this key shifts the Time Switch to the Program
Check mode.
In Setting mode (yearly models only), this key is used to set
the yearly program.
10
This key shifts the Time Switch to the time adjustment mode.
11
TIMER: Executes a timer or cyclic operation.
PULSE: Executes a pulse-output operation.
12
ON: Turns ON the output regardless of the setting.
AUTO: Executes automatic operation as specified by these
settings.
OFF: Turns OFF the output regardless of the setting.
13
• Used to set the current day, operating day, etc.
• Used to specify the date (yearly models only)
• In RUN mode, these keys are used to shift the Time Switch
to the Checking the Settings mode.


Similar Description - H5S-YB2D-X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT728985 IDT-IDT728985 Datasheet
119Kb / 13P
   TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
ams AG
AS3588A AMSCO-AS3588A Datasheet
98Kb / 15P
   DIGITAL TIME/SPACE CROSSPOINT SWITCH
logo
Integrated Device Techn...
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT7290820 IDT-IDT7290820 Datasheet
167Kb / 27P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
IDT728981 IDT-IDT728981 Datasheet
81Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
logo
Renesas Technology Corp
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com