Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5S-YB2D-X Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # H5S-YB2D-X
Description  Digital Time Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H5S-YB2D-X Datasheet(HTML) 1 Page - Omron Electronics LLC

  H5S-YB2D-X Datasheet HTML 1Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 2Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 3Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 4Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 5Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 6Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 7Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 8Page - Omron Electronics LLC H5S-YB2D-X Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
CSM_H5S_DS_E_4_1
1
Digital Time Switch
H5S
Easier, More Convenient Time Switches, with
New 4-circuit Output and Yearly Models in
Addition to 2-circuit Weekly Models
• Independent Day Keys provide easier operation.
• Temporary holiday setting function makes it easy to turn OFF
output for holidays and non-operating days.
• Settings can be made even with the Time Switch turned OFF.
• Test mode enables easy program checking.
• Complies with EMC Directives, UL/CSA, and other safety
standards.
• Includes summer time (DST) adjustment.
Yearly models also offer automatic switching to DST.
• Set value can be changed both upward and downward for
speedier setting.
• Integrated temperature compensation circuit helps keep
accurate time over a wide temperature range. (See note 1.)
• Includes time counter and total counter functions with alarm
indicator. (See note 2.)
• Bank function allows program switching by an external input.
(See note 3.)
• New 4-circuit output models with a compact, 72
× 72-mm DIN
size added to the series.
Note: 1. Available only on yearly models.
2. Available only on 2-circuit models.
3. Available only on weekly models.
Features
Easier and More Convenient to Use
■ Simple Setting
■ Convenient Functions
Time Counter/Total Counter Functions (See note.)
This function makes it possible to monitor the total time that a load
has been applied, or the total number of operating cycles. It allows
the Time Switch to be used for managing maintenance.
Time Adjustment Function (See note.)
The time can be set to 00 min 00 s by using an external input. The
times on multiple Time Switches can also be easily synchronized.
Note: Equipped on 2-circuit models.
Independent Day Keys make setting easy.
Up/down set value changing
for speedy setting.
Temporary holidays
(non-operating days)
are also easy to set.
Weekly models: Specify the day.
Yearly models: Specify the date.
With alarm indicator
Shows total lamp ON time
Synchronized!
Master
Slave
Slave


Similar Description - H5S-YB2D-X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT728985 IDT-IDT728985 Datasheet
119Kb / 13P
   TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
ams AG
AS3588A AMSCO-AS3588A Datasheet
98Kb / 15P
   DIGITAL TIME/SPACE CROSSPOINT SWITCH
logo
Integrated Device Techn...
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT7290820 IDT-IDT7290820 Datasheet
167Kb / 27P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
IDT728981 IDT-IDT728981 Datasheet
81Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
logo
Renesas Technology Corp
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com