Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3PF-235B-STB Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G3PF-235B-STB
Description  Solid State Relays with Built-in Current Transformer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3PF-235B-STB Datasheet(HTML) 3 Page - Omron Electronics LLC

  G3PF-235B-STB Datasheet HTML 1Page - Omron Electronics LLC G3PF-235B-STB Datasheet HTML 2Page - Omron Electronics LLC G3PF-235B-STB Datasheet HTML 3Page - Omron Electronics LLC G3PF-235B-STB Datasheet HTML 4Page - Omron Electronics LLC G3PF-235B-STB Datasheet HTML 5Page - Omron Electronics LLC G3PF-235B-STB Datasheet HTML 6Page - Omron Electronics LLC G3PF-235B-STB Datasheet HTML 7Page - Omron Electronics LLC G3PF-235B-STB Datasheet HTML 8Page - Omron Electronics LLC G3PF-235B-STB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
G3PF
3
Connection
■ Connection Example
G3PF-
225B
DC24V
1
2
INPUT
3
4
ALM
5
6
MADE IN JAPAN
1
2
3
4
5
6
L1
T1
Heater
30 VDC min.
24 VDC
12 to 24 VDC
Input for Relay, PLC (See note.)
Voltage output for Temperature Controller, PLC
Heater
L1
T1
+24 V (1)
−24 V (2)
INPUT
+ (3)
INPUT
− (4)
ALM
+ (5)
ALM
− (6)
G3PF
24 VDC
COM
IN1
IN2
Output device
(NPN transistor output)
Input device
(positive common example)
Heater
L1
T1
G3PF
24 VDC
COM
IN1
IN2
Output device
(PNP transistor output)
Input device
(negative common example)
+24 V (1)
−24 V (2)
INPUT
+ (3)
INPUT
− (4)
ALM
+ (5)
ALM
− (6)
Controlled by PNP Transistor
Controlled by NPN Transistor
Note: With inductive loads (relay coil, etc.), connect back-current prevention diodes to both sides of the load.
G3PF-
@@@B
G3PF-
225B-CTB
DC24V
1
2
INPUT
3
4
7
8
MADE IN JAPAN
1
2
3
4
5
7
8
6
L1
T1
ALM
(OPEN)
ALM
(SHORT)
5
6
Heater
30 VDC min.
24 VDC
12 to 24 VDC
Input for Relay, PLC (See note.)
Input for Relay, PLC (See note.)
Voltage output for Temperature Controller, PLC
30 VDC min.
Heater
L1
T1
ALM
+ (5)
(Heater burnout)
ALM
+ (7)
(SSR short-circuit)
ALM
− (6)
ALM
− (8)
ALM
+ (5)
(Heater burnout)
ALM
+ (7)
(SSR short-circuit)
ALM
− (6)
ALM
− (8)
COM
IN1
IN2
Heater
L1
T1
COM
IN1
IN2
T1
+24 V (1)
−24 V (2)
INPUT
+ (3)
INPUT
− (4)
G3PF
24 VDC
Output device
(NPN transistor output)
Input device
(positive common example)
G3PF
24 VDC
Output device
(PNP transistor output)
Input device
(negative common example)
+24 V (1)
−24 V (2)
INPUT
+ (3)
INPUT
− (4)
Controlled by PNP Transistor
Controlled by NPN Transistor
Note: With inductive loads (relay coil, etc.), connect back-current prevention diodes to both sides of the load.
Terminals 5-6 output a heater burnout alarm, and terminals 7-8 output an SSR short-circuit failure
alarm.
G3PF-
@@@B-CTB, G3PF-@@@B-STB


Similar Part No. - G3PF-235B-STB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3PA ETC-G3PA Datasheet
249Kb / 16P
   Power Solid-state Relay
logo
Omron Electronics LLC
G3PA OMRON-G3PA Datasheet
2Mb / 16P
   Solid State Relays
G3PA OMRON-G3PA Datasheet
2Mb / 18P
   Extremely Thin Relays Integrated with Heat Sinks
G3PA OMRON-G3PA Datasheet
694Kb / 36P
   Digital Controller
logo
List of Unclassifed Man...
G3PA-210B-VD ETC-G3PA-210B-VD Datasheet
249Kb / 16P
   Power Solid-state Relay
More results

Similar Description - G3PF-235B-STB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com