Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5EN-HAA2HBM-W-500 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E5EN-HAA2HBM-W-500
Description  Advanced Digital Temperature Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5EN-HAA2HBM-W-500 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E5EN-HAA2HBM-W-500 Datasheet HTML 7Page - Omron Electronics LLC E5EN-HAA2HBM-W-500 Datasheet HTML 8Page - Omron Electronics LLC E5EN-HAA2HBM-W-500 Datasheet HTML 9Page - Omron Electronics LLC E5EN-HAA2HBM-W-500 Datasheet HTML 10Page - Omron Electronics LLC E5EN-HAA2HBM-W-500 Datasheet HTML 11Page - Omron Electronics LLC E5EN-HAA2HBM-W-500 Datasheet HTML 12Page - Omron Electronics LLC E5EN-HAA2HBM-W-500 Datasheet HTML 13Page - Omron Electronics LLC E5EN-HAA2HBM-W-500 Datasheet HTML 14Page - Omron Electronics LLC E5EN-HAA2HBM-W-500 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
E5AN-H/E5EN-H
External Connections
Control output 1 and control output 2 are functionally isolated from the internal circuits.
Note: Wire all voltage input terminals correctly. The Controller may fail if voltage input terminals are wired incorrectly.
Potentiometer
RDB
RDA
SG
SDB
SDA
4 to 20 mA DC
(Load: 600
Ω max.)
4 to 20 mA DC
1
2
3
4
5
6
7
8
9
10
21
22
23
24
25
26
27
28
29
30
21
22
23
24
25
26
27
28
29
30
11
12
13
14
15
16
17
18
19
20
• 100 to 240 VAC
• 24 VAC/VDC (no polarity)
Input power
supply
Control output 1
B
V
mA
Control output 2
CT2
CT1
EV1
EV2
CT2
DO NOT
USE
DO NOT
USE
DO NOT
USE
B
A
C
W
O
DO NOT
USE
DO NOT
USE
DO NOT
USE
DO NOT
USE
Event Inputs
EV1
EV2
Event Inputs
Communications
B (
+)
A (
−)
DO NOT USE
B (
+)
A (
−)
11
12
13
21
22
E53-EN03
RS-485
11
12
13
21
22
E53-EN01
RS-232C
SD
RD
SG
DO NOT USE
DO NOT USE
11
12
13
21
22
E53-AKB
11
12
13
21
22
E53-EN02
RS-422
Control Output Unit
Control outputs 1, 2
Refer to page 4
SSR Outputs
75 to 250 VAC, 1 A
(resistive load)
Models with Position-
proportional Control
Relay output
250 VAC, 1 A
(including inrush
current)
Control outputs 1, 2
Relay output
SPST-NO,
250 VAC, 3 A
(resistive load)
Auxiliary outputs 1, 2, 3
A heater burnout alarm, SSR
failure, heater overcurrent
alarm, input alarm, or Remote
SP Input Error is sent to the
output to which the alarm 1
function is assigned.
Auxiliary output 3
14
15
16
1
2
3
4
5
6
7
8
9
10
21
22
23
24
25
26
27
28
29
30
EV4
EV3
+
+
+
+
Output unit
Output unit
Control Output Unit
1
2
3
4
5
6
7
8
9
10
SSR
SSR
SSR Outputs
1
2
3
4
5
6
7
8
9
10
Open
Closed
Models with Position-
proportional Control
Event input/
Transfer output/
Remote SP
Remote SP input
DO NOT USE
Transfer output
Input power
supply
Input power
supply
Input power
supply
Auxiliary output 2
Auxiliary output 1
Auxiliary output 2
Auxiliary output 1
Auxiliary output 2
Auxiliary output 1
Auxiliary output 2
Auxiliary output 1
Relay output
SPDT, 250 VAC, 3 A
(resistive load)
Auxiliary output 3
The Temperature Controller is set
for a K-type thermocouple (input
type = 5) by default. An input error
(
s.err) will occur if the input type
setting does not agree with the
temperature sensor. Check the
input type.
Option Units
Controllers


Similar Part No. - E5EN-HAA2HBM-W-500

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5EN-C3ML-500-N OMRON-E5EN-C3ML-500-N Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
E5EN-C3MT-500-N OMRON-E5EN-C3MT-500-N Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
E5EN-C3MT-W-500-N OMRON-E5EN-C3MT-W-500-N Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
E5EN-C3MTD-500-N OMRON-E5EN-C3MTD-500-N Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
E5EN-C3MTD-W-500-N OMRON-E5EN-C3MTD-W-500-N Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
More results

Similar Description - E5EN-HAA2HBM-W-500

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
   DIGITAL TEMPERATURE CONTROLLER
logo
Omron Electronics LLC
E5XC OMRON-E5XC Datasheet
12Mb / 112P
   Digital Temperature Controller
logo
Texas Instruments
DLPC150 TI1-DLPC150 Datasheet
1Mb / 55P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
logo
Omron Electronics LLC
E5GN OMRON-E5GN_09 Datasheet
1Mb / 17P
   Basic-type Digital Temperature Controller
E5CC-800 OMRON-E5CC-800 Datasheet
8Mb / 36P
   Digital Temperature Controller (Simple Type)
04/12
E5AN OMRON-E5AN Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
E5CN-U OMRON-E5CN-U Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
logo
Texas Instruments
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com