Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKS3P-5 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # MKS3P-5
Description  General-purpose Relays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MKS3P-5 Datasheet(HTML) 3 Page - Omron Electronics LLC

  MKS3P-5 Datasheet HTML 1Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 2Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 3Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 4Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 5Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 6Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 7Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 8Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
MK-S
Specifications
Ratings
Coil Ratings
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with tolerances of +15%/−20% for AC rated current and
±15% for DC coil resistance.
2. Performance characteristic data are measured at a coil temperature of 23
°C.
3. The maximum voltage is one that is applicable instantaneously to the Relay coil at 23
°C and not continuously.
4. For DC-operated Relays with the LED indicator built-in, add an LED current of approx. 5 mA to the rated current.
Contact Ratings
Rated voltage
Rated current
Coil resistance
Must operate
voltage
Must release
voltage
Max. voltage
Power
consumption
50 Hz
60 Hz
AC
6 V
443 mA
385 mA
3.1
80% max. of
rated voltage
30% min. of rated
voltage at 60 Hz
25% min. of rated
voltage at 50 Hz
110% of rated
voltage
Approx. 2.3 VA
at 60 Hz
Approx. 2.7 VA
at 50 Hz
12 V
221 mA
193 mA
13.7
24 V
110 mA
96.3 mA
48.4
100 V
26.6 mA
23.1 mA
760
110 V
24.2 mA
21.0 mA
932
200 V
13.3 mA
11.6 mA
3,160
220 V
12.1 mA
10.5 mA
3,550
230 V
10.0 mA
11.5 mA
4,250
240 V
11.0 mA
9.6 mA
4,480
DC
6 V
224 mA
26.7
15% min. of rated
voltage
Approx. 1.4 W
12 V
112 mA
107
24 V
55.8 mA
430
48 V
28.1 mA
1,710
100 V
13.5 mA
7,390
110 V
12.3 mA
8,960
Load
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4)
Contact mechanism
Single
Contact material
AgSnIn
Rated load
NO
10 A, 250 VAC
10A, 30 VDC
7 A, 250 VAC
NC
5 A, 250 VAC
5 A, 30 VDC
Rated carry current
10 A
Max. switching voltage
250 VAC, 250 VDC
Max. switching current
10 A
Max. switching power
NO
2,500 VA/300 W
NC
1,250 VA/150 W


Similar Part No. - MKS3P-5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MKS3P-5 OMRON-MKS3P-5 Datasheet
2Mb / 10P
   General Purpose Relays
More results

Similar Description - MKS3P-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
logo
Tyco Electronics
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com