Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKS3P-5 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # MKS3P-5
Description  General-purpose Relays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MKS3P-5 Datasheet(HTML) 5 Page - Omron Electronics LLC

  MKS3P-5 Datasheet HTML 1Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 2Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 3Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 4Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 5Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 6Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 7Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 8Page - Omron Electronics LLC MKS3P-5 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
MK-S
Dimensions
(Unit: mm)
Models without Latching Lever
Models with Latching Lever
Sockets
See below for Socket dimensions.
Note: Use the Surface-mounting Sockets (i.e., finger-protection models) with “-E” at the end of the model number. When using the PF083A and
PF113A, be sure not to exceed the Socket's maximum carry current of 5 A. Using at a current exceeding 5 A may lead to burning. Round
terminals cannot be used for finger-protection models. Use Y-shaped terminals.
52.5 max.
34.5 max.
34.5 max.
0.8
34.5 max.
34.5 max.
52.5 max.
0.8
Socket
Surface-mounting Socket (for track or screw mounting)
Finger-protection models
---
Maximum carry
current
10 A
5 A
2 poles
PF083A-E
PF083A-D
PF083A
3 poles
PF113A-E
PF113A-E-D
PF113A
7
33
4
35.4
2
3.5
7
34
4
35.4
2
3.5
33
±0.2
33
±0.2
4
PF083A-E (Conforming to EN 50022)
Mounting Holes
Terminal Arrangement
PF113A-E (Conforming to EN 50022)
52 max.
Eight, M3.5
× 7 sems
41 max.
21 max.
Two, M4 or two 4.5-dia. holes
Two, M4 or two 4.5-dia. holes
Eleven, M3.5
× 7 sems
52 max.
42.8 max.
31 max.
Mounting Holes
Terminal Arrangement


Similar Part No. - MKS3P-5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MKS3P-5 OMRON-MKS3P-5 Datasheet
2Mb / 10P
   General Purpose Relays
More results

Similar Description - MKS3P-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
logo
Tyco Electronics
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com