Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8AS-24006R Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # S8AS-24006R
Description  Smart Power Supply
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS-24006R Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button S8AS-24006R Datasheet HTML 5Page - Omron Electronics LLC S8AS-24006R Datasheet HTML 6Page - Omron Electronics LLC S8AS-24006R Datasheet HTML 7Page - Omron Electronics LLC S8AS-24006R Datasheet HTML 8Page - Omron Electronics LLC S8AS-24006R Datasheet HTML 9Page - Omron Electronics LLC S8AS-24006R Datasheet HTML 10Page - Omron Electronics LLC S8AS-24006R Datasheet HTML 11Page - Omron Electronics LLC S8AS-24006R Datasheet HTML 12Page - Omron Electronics LLC S8AS-24006R Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
S8AS
Functions
Functions
Tripping Functions
Note: Three abnormal current tripping types with different tripping current characteristics are supported: standard detection, instantaneous
detection, and extended detection. Select the required tripping type.
*1. Outputs are cut off using semiconductor relays and electrical insulation is not provided.
*2. With the default settings, the alarm display and alarm output can be cleared using one of the following methods.
• Clear using the reset operation.
• Clear by turning the supply power OFF and ON again.
*3. The voltage detection is performed on the voltage after AC/DC conversion in the internal circuits. The displayed voltage will be somewhat
different from the value at the output terminals of the power source due to internal voltage drop. To confirm correct output voltages, measure
the voltages at the branch output terminals.
Alarm
Alarm output
Output status
Alarm display
Abnormal voltage tripping
TRP output: OFF (normally ON)
All branch outputs cut off.
A10
Abnormal current tripping
TRP output: OFF (normally ON)
Relevant branch output cut off.
A11
Abnormal total current tripping (240-W models only)
TRP output: OFF (normally ON)
All branch outputs cut off.
A12
Undervoltage detection
LOW output: OFF (normally ON)
ON
A21
Maintenance forecast monitor
LFE output: OFF (normally ON)
ON
A23
Overheating alarm
LFE output: OFF (normally ON)
ON
A23/HOT
Over-temperature
TMP output: OFF (normally ON)
ON
A30
Function
Operation
Abnormal
voltage tripping
Refer to Chart 1.
*1, *2, *3
The output voltage is monitored and all branch outputs are cut off if the detection voltage is reached. Notification of the status
is provided using the alarm display and the tripping alarm output (TRP).
The alarm display will alternate between the voltage and the alarm code (A10).
Detection voltage: 28.8 V (fixed)
Abnormal
current tripping
Refer to Chart 2.
*1, *2
The output current is monitored and the branch output that is abnormal is cut off if the preset current is reached.
Notification of the status is provided using the alarm display and the tripping alarm output (TRP).
The alarm display will alternate between the current and the alarm code (A11).
Setting range: 0.5 to 3.8 A (in 0.1-A increments). The S8AS-24006N and S8AS-48008N are set to 3.8 A. (Cannot be changed.)
One of the following three abnormal current tripping types can be set. With the S8AS-24006N/48008N, only the standard
detection is supported.
Standard Detection: Tripping within 100 ms. (Abnormal current will be detected and the output will be cut off within 20 ms if
current continuously exceeds the set value for more than 80 ms.)
Instantaneous Detection: Tripping within 20 ms. (Abnormal current will be detected and the output will be cut off within 10 ms
if current continuously exceeds the set value for more than 10 ms.)
Extended Detection: Tripping within 1,000 ms. (Abnormal current will be detected and the output will be cut off within 20 ms
if current continuously exceeds the set value for more than 980 ms.)
Abnormal total
current tripping
*1, *2
Using the abnormal total current tripping function, the S8AS monitors the total output current and when the total output current
exceeds the set value, all branch outputs are cut off. Notification of the status is provided using the alarm display and the
tripping alarm output (TRP). The error code A12 will be shown on the display. There are a number of conditions for the tripping
current and time. If even one of these conditions is detected, the abnormal total current tripping function will be activated.
240 W: Branch outputs are cut off when the total output current is more than 17 A for 2 s, 15 A for 5 s, 13 A for 10 s, or 12 A
for 20 s.
480 W: Branch outputs are cut off when the total output current is more than 27 A for 1 s, 25 A for 2 s, or 22.5 A for 5 s.
External tripping
input
*1
The output can be cut off by inputting a voltage to the external tripping input (TRG terminal). If a shutdown sequence has been
set, outputs will be cut off according to the shutdown sequence.
Each branch output can be enabled or disabled individually. On the S8AS-24006N/S8AS-48008N, all branch outputs are
enabled. (Cannot be changed.)
External input signal width: 10 ms min.
Input signal levels
High level: 19.2 to 30 VDC
Low level: 0 to 2.5 VDC
Tripping can also be performed by using communications (S8AS-24006R/S8AS-48008R only).
Refer to the S8AS User's Manual (Cat. No. Z269) for information on tripping using communications.


Similar Part No. - S8AS-24006R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S8A MCC-S8A Datasheet
78Kb / 2P
   8 Amp Silicon Rectifier 50 to 1000 Volts
S8A MCC-S8A Datasheet
180Kb / 4P
   8 Amp Silicon Rectifier 50 to 1000 Volts
logo
Formosa MS
S8A FORMOSA-S8A Datasheet
119Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
SUNMATE electronic Co.,...
S8A SUNMATE-S8A Datasheet
307Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
logo
DONGGUAN YOU FENG WEI E...
S8A YFWDIODE-S8A Datasheet
468Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - S8AS-24006R

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCD2-STC-EX1.ES PF-KCD2-STC-EX1.ES Datasheet
924Kb / 6P
   SMART Transmitter Power Supply
KCD2-STC-1 PF-KCD2-STC-1 Datasheet
1Mb / 4P
   SMART Transmitter Power Supply
KFD2-STC5-1 PF-KFD2-STC5-1 Datasheet
942Kb / 5P
   SMART Transmitter Power Supply
2021-11-29
KFD2-STC4-EX2 PF-KFD2-STC4-EX2 Datasheet
316Kb / 3P
   SMART Transmitter Power Supply
HIC2027 PF-HIC2027 Datasheet
880Kb / 6P
   SMART Transmitter Power Supply
HID2022SK PF-HID2022SK Datasheet
751Kb / 4P
   SMART Transmitter Power Supply
KCD2-STC-EX1.SP PF-KCD2-STC-EX1.SP Datasheet
926Kb / 5P
   SMART Transmitter Power Supply
logo
List of Unclassifed Man...
KFD2-STC4-1.2O ETC2-KFD2-STC4-1.2O Datasheet
203Kb / 3P
   SMART Transmitter Power Supply
logo
Pepperl+Fuchs Inc.
KFD2-STV4-EX1-1 PF-KFD2-STV4-EX1-1 Datasheet
1Mb / 5P
   SMART Transmitter Power Supply
2021-12-20
KFD2-STV4-EX2-1 PF-KFD2-STV4-EX2-1 Datasheet
1Mb / 5P
   SMART Transmitter Power Supply
2021-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com