Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CN-Q1LU Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E5CN-Q1LU
Description  Basic-type Digital Temperature Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-Q1LU Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E5CN-Q1LU Datasheet HTML 4Page - Omron Electronics LLC E5CN-Q1LU Datasheet HTML 5Page - Omron Electronics LLC E5CN-Q1LU Datasheet HTML 6Page - Omron Electronics LLC E5CN-Q1LU Datasheet HTML 7Page - Omron Electronics LLC E5CN-Q1LU Datasheet HTML 8Page - Omron Electronics LLC E5CN-Q1LU Datasheet HTML 9Page - Omron Electronics LLC E5CN-Q1LU Datasheet HTML 10Page - Omron Electronics LLC E5CN-Q1LU Datasheet HTML 11Page - Omron Electronics LLC E5CN-Q1LU Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
E5CN/E5CN-U
Alarm Outputs
Each alarm can be independently set to one of the following 13 alarm types. The default is 2: Upper limit.
Auxiliary outputs are allocated for alarms. ON delays and OFF delays (0 to 999 s) can also be specified.
Note: For models with heater burnout, SSR failure, and heater overcurrent detection, alarm 1 will be an OR output of the alarm selected from the
following alarm types and the alarms for heater burnout, SSR failure, and heater overcurrent. To output only a heater burnout alarm, SSR
failure alarm, and heater overcurrent alarm for alarm 1, set the alarm type to 0 (i.e., no alarm function).
*1. With set values 1, 4 and 5, the upper and lower limit values can
be set independently for each alarm type, and are expressed as
“L” and “H.”
*2. Set value: 1, Upper- and lower-limit alarm
*3. Set value: 4, Upper- and lower-limit range
*4. Set value: 5, Upper- and lower-limit with standby sequence
For Upper- and Lower-Limit Alarm Described Above
• Case 1 and 2
Always OFF when the upper-limit and lower-limit hysteresis
overlaps.
• Case 3: Always OFF
*5. Set value: 5, Upper- and lower-limit with standby sequence
Always OFF when the upper-limit and lower-limit hysteresis
overlaps.
*6. Refer to the E5CN/E5AN/E5EN/E5GN Digital Temperature
Controllers User's Manual Basic Type (Cat. No. H156) for
information on the operation of the standby sequence.
*7. Refer to the E5CN/E5AN/E5EN/E5GN Digital Temperature
Controllers User's Manual Basic Type (Cat. No. H156) for
information on the loop burnout alarm (LBA).
*8. Refer to the E5CN/E5AN/E5EN/E5GN Digital Temperature
Controllers User's Manual Basic Type (Cat. No. H156) for
information on the PV change rate alarm.
Set value
Alarm type
Alarm output operation
Description of function
When alarm value
X is positive
When alarm value
X is negative
0
Alarm function OFF
Output OFF
No alarm
1
*1
Upper- and lower-limit
*2
Set the deviation in the set point by setting the alarm
upper limit (H) and alarm lower limit (L).
2
Upper-limit
Set the upward deviation in the set point by setting
the alarm value (X).
3
Lower-limit
Set the downward deviation in the set point by setting
the alarm value (X).
4
*1
Upper- and lower-limit range
*3
Set the deviation in the set point by setting the alarm
upper limit (H) and alarm lower limit (L).
5
*1
Upper- and lower-limit with
standby sequence
*4
A standby sequence is added to the upper- and
lower-limit alarm (1).
*6
6
Upper-limit with standby sequence
A standby sequence is added to the upper-limit alarm
(2).
*6
7
Lower-limit with standby sequence
A standby sequence is added to the lower-limit alarm
(3).
*6
8
Absolute-value upper-limit
The alarm will turn ON if the process value is larger
than the alarm value (X) regardless of the set point.
9
Absolute-value lower-limit
The alarm will turn ON if the process value is smaller
than the alarm value (X) regardless of the set point.
10
Absolute-value upper-limit with
standby sequence
A standby sequence is added to the absolute-value
upper-limit alarm (8).
*6
11
Absolute-value lower-limit with
standby sequence
A standby sequence is added to the absolute-value
lower-limit alarm (9).
*6
12
LBA (alarm 1 type only)
---
*7
13
PV change rate alarm
---
*8
ON
OFF
SP
LH
SP
X
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
SP
LH
ON
OFF
SP
LH
ON
OFF
*5
SP
X
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
LH
H < 0, L > 0
⏐H⏐ < ⏐L⏐
SP
Case 1
LH
H > 0, L < 0
⏐H⏐ > ⏐L⏐
SP
Case 2
L
H
H < 0, L < 0
SP
L
H
H < 0, L > 0
⏐H⏐ ≥ ⏐L⏐
SP
L
H
H > 0, L < 0
⏐H⏐ ≤ ⏐L⏐
SP
Case 3 (Always ON)
LH SP
Case 1
LH
SP
Case 2
L
HSP
L
L
HSP
H
SP
Case 3 (Always OFF)
H < 0, L > 0
⏐H⏐ < ⏐L⏐
H > 0, L < 0
⏐H⏐ > ⏐L⏐
H < 0, L < 0
H < 0, L > 0
⏐H⏐ ≥ ⏐L⏐
H > 0, L < 0
⏐H⏐ ≤ ⏐L⏐


Similar Part No. - E5CN-Q1LU

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CN-Q1TU OMRON-E5CN-Q1TU Datasheet
778Kb / 24P
   Digital Temperature Controllers
More results

Similar Description - E5CN-Q1LU

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5GN OMRON-E5GN_09 Datasheet
1Mb / 17P
   Basic-type Digital Temperature Controller
E5AN OMRON-E5AN Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
logo
SELEC Controls Pvt. Ltd
PID528 SELEC-PID528 Datasheet
728Kb / 2P
   Basic PID Temperature Controller
TC518 SELEC-TC518 Datasheet
707Kb / 2P
   Basic PID Temperature Controller
logo
Omron Electronics LLC
E5CC-800 OMRON-E5CC-800 Datasheet
8Mb / 36P
   Digital Temperature Controller (Simple Type)
04/12
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
   DIGITAL TEMPERATURE CONTROLLER
logo
Omron Electronics LLC
E5XC OMRON-E5XC Datasheet
12Mb / 112P
   Digital Temperature Controller
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
Fuji Electric
EDS11-81 FUJI-EDS11-81 Datasheet
286Kb / 5P
   DIGITAL SETTING TEMPERATURE CONTROLLER DIGIZET MINI(DUAL Output Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com