Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CN-RTDU Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E5CN-RTDU
Description  Basic-type Digital Temperature Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-RTDU Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E5CN-RTDU Datasheet HTML 5Page - Omron Electronics LLC E5CN-RTDU Datasheet HTML 6Page - Omron Electronics LLC E5CN-RTDU Datasheet HTML 7Page - Omron Electronics LLC E5CN-RTDU Datasheet HTML 8Page - Omron Electronics LLC E5CN-RTDU Datasheet HTML 9Page - Omron Electronics LLC E5CN-RTDU Datasheet HTML 10Page - Omron Electronics LLC E5CN-RTDU Datasheet HTML 11Page - Omron Electronics LLC E5CN-RTDU Datasheet HTML 12Page - Omron Electronics LLC E5CN-RTDU Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
E5CN/E5CN-U
Characteristics
*1. The indication accuracy of K thermocouples in the −200 to 1300°C range, T and N thermocouples at a temperature of −100°C max., and U
and L thermocouples at any temperatures is
±2°C ±1 digit max. The indication accuracy of the B thermocouple at a temperature of 400°C max.
is not specified. The indication accuracy of B thermocouples in the 400 to 800
°C range is ±3°C max. The indication accuracy of the R and S
thermocouples at a temperature of 200
°C max. is ±3°C ±1 digit max. The indication accuracy of W thermocouples is ±0.3 of PV or ±3°C,
whichever is greater,
±1 digit max. The indication accuracy of PL II thermocouples is ±0.3 of PV or ±2°C, whichever is greater, ± 1 digit max.
*2. Ambient temperature: −10°C to 23°C to 55°C, Voltage range: −15% to 10% of rated voltage
*3. K thermocouple at −100°C max.: ±10° max.
*4. “EU” stands for Engineering Unit and is used as the unit after scaling. For a temperature sensor, the EU is °C or °F.
*5. When robust tuning (RT) is ON, the differential time is 0.0 to 999.9 (in units of 0.1 s).
*6. External communications (RS-485) and cable communications for the Setup Tool can be used at the same time.
*7. The E5CN-U plug-in model is certified for UL listing only when used together with the OMRON P2CF-11 or P2CF-11-E Socket.
The P3GA-11 is not certified for UL listing.
*8. Access the following website for information on certified models. http://www.ia.omron.com/support/models/index.html
*9. Refer to information on maritime standards in Safety Precautions for E5
@N/E5@N-H for compliance with Lloyd's Standards.
Indication accuracy
Thermocouple:
*1
Terminal block models (E5CN): (
±0.3% of indicated value or ±1°C, whichever is greater) ±1 digit max.
Plug-in models (E5CN-U): (
±1% of indicated value or ±2°C, whichever is greater) ±1 digit max.
Platinum resistance thermometer input:
Terminal block models (E5CN) and plug-in models (E5CN-U): (
±0.2% of indicated value or ±0.8°C, whichever is greater) ±1 digit max.
Analog input:
Terminal block models (E5CN) and plug-in models (E5CN-U):
±0.2% FS ±1 digit max.
CT input:
Terminal block models (E5CN):
±5% FS ±1 digit max.
Influence of temperature
*2
Thermocouple input (R, S, B, W, PL II):
Terminal block models (E5CN): (
±1% of PV or ±10°C, whichever is greater) ±1 digit max.
Plug-in models (E5CN-U): (
±2% of PV or ±10°C, whichever is greater) ±1 digit max.
Other thermocouple input:
*3
Terminal block models (E5CN): (
±1% of PV or ±4°C, whichever is greater) ±1 digit max.
Plug-in models (E5CN-U): (
±2% of PV or ±4°C, whichever is greater) ±1 digit max.
Platinum resistance thermometer input:
Terminal block models (E5CN) and plug-in models (E5CN-U):
(
±1% of PV or ±2°C, whichever is greater) ±1 digit max.
Analog input:
Terminal block models (E5CN) and plug-in models (E5CN-U): (
±1%FS) ±1 digit max.
Influence of voltage
*2
Input sampling period
250 ms
Hysteresis
Models with thermocouple/platinum resistance thermometer input (universal input): 0.1 to 999.9 EU (in units of 0.1 EU)
*4
Models with analog input: 0.01 to 99.99% FS (in units of 0.01% FS)
Proportional band (P)
Models with thermocouple/platinum resistance thermometer input (universal input): 0.1 to 999.9 EU (in units of 0.1 EU)
*4
Models with analog input: 0.1 to 999.9% FS (in units of 0.1% FS)
Integral time (I)
0 to 3999 s (in units of 1 s)
Derivative time (D)
0 to 3999 s (in units of 1 s)
*5
Control period
0.5, 1 to 99 s (in units of 1 s)
Manual reset value
0.0 to 100.0% (in units of 0.1%)
Alarm setting range
−1999 to 9999 (decimal point position depends on input type)
Affect of signal source
resistance
Thermocouple: 0.1
°C/Ω max. (100 Ω max.)
Platinum resistance thermometer: 0.1
°C/Ω max. (10 Ω max.)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
2,300 VAC, 50 or 60 Hz for 1 min (between terminals with different charge)
Vibration
resistance
Malfunction
10 to 55 Hz, 20 m/s2 for 10 min each in X, Y, and Z directions
Destruction
10 to 55 Hz, 0.75-mm single amplitude for 2 hrs each in X, Y, and Z directions
Shock
resistance
Malfunction
100 m/s2, 3 times each in X, Y, and Z directions
Destruction
300 m/s2, 3 times each in X, Y, and Z directions
Weight
E5CN
Controller: Approx. 150 g, Mounting Bracket: Approx. 10 g
E5CN-U
Controller: Approx. 110 g, Mounting Bracket: Approx. 10 g
Degree of
protection
E5CN
Front panel: IP66, Rear case: IP20, Terminals: IP00
E5CN-U
Front panel: IP50, Rear case: IP20, Terminals: IP00
Memory protection
Non-volatile memory (number of writes: 1,000,000 times)
Setup Tool
CX-Thermo version 4.0 or higher
Setup Tool port
Provided on the bottom of the E5CN. Use this port to connect a computer to the E5CN when using the Setup Tool. An E58-CIFQ1
USB-Serial Conversion Cable is required to connect the computer to the E5CN.
*6
Standards
Approved
standards
*7
UL 61010-1, CSA C22.2 No. 1010-1, KOSHA certified (some models)
*8
Conformed
standards
EN 61010-1 (IEC 61010-1): Pollution level 2, overcurrent category II
, Lloyd's standards
*9
EMC
EMI:
EN 61326
Radiated Interference Electromagnetic Field Strength: EN 55011 Group 1, class A
Noise Terminal Voltage:
EN 55011 Group 1, class A
EMS:
EN 61326
ESD Immunity:
EN 61000-4-2
Electromagnetic Field Immunity:
EN 61000-4-3
Burst Noise Immunity:
EN 61000-4-4
Conducted Disturbance Immunity:
EN 61000-4-6
Surge Immunity:
EN 61000-4-5
Power Frequency Magnetic Field Immunity:
EN 61000-4-8
Voltage Dip/Interrupting Immunity:
EN 61000-4-11


Similar Part No. - E5CN-RTDU

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CN-RTU OMRON-E5CN-RTU Datasheet
778Kb / 24P
   Digital Temperature Controllers
More results

Similar Description - E5CN-RTDU

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5GN OMRON-E5GN_09 Datasheet
1Mb / 17P
   Basic-type Digital Temperature Controller
E5AN OMRON-E5AN Datasheet
1Mb / 15P
   Basic-type Digital Temperature Controller
logo
SELEC Controls Pvt. Ltd
PID528 SELEC-PID528 Datasheet
728Kb / 2P
   Basic PID Temperature Controller
TC518 SELEC-TC518 Datasheet
707Kb / 2P
   Basic PID Temperature Controller
logo
Omron Electronics LLC
E5CC-800 OMRON-E5CC-800 Datasheet
8Mb / 36P
   Digital Temperature Controller (Simple Type)
04/12
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
   DIGITAL TEMPERATURE CONTROLLER
logo
Omron Electronics LLC
E5XC OMRON-E5XC Datasheet
12Mb / 112P
   Digital Temperature Controller
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
Fuji Electric
EDS11-81 FUJI-EDS11-81 Datasheet
286Kb / 5P
   DIGITAL SETTING TEMPERATURE CONTROLLER DIGIZET MINI(DUAL Output Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com