Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7E-01HRN2-B Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # M7E-01HRN2-B
Description  Digital Display (14 mm)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7E-01HRN2-B Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button M7E-01HRN2-B Datasheet HTML 4Page - Omron Electronics LLC M7E-01HRN2-B Datasheet HTML 5Page - Omron Electronics LLC M7E-01HRN2-B Datasheet HTML 6Page - Omron Electronics LLC M7E-01HRN2-B Datasheet HTML 7Page - Omron Electronics LLC M7E-01HRN2-B Datasheet HTML 8Page - Omron Electronics LLC M7E-01HRN2-B Datasheet HTML 9Page - Omron Electronics LLC M7E-01HRN2-B Datasheet HTML 10Page - Omron Electronics LLC M7E-01HRN2-B Datasheet HTML 11Page - Omron Electronics LLC M7E-01HRN2-B Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
M7E
8
■ Block Diagram
Note: The terminal numbers of the Unit Display Unit are different from
the terminal numbers of the connector. Refer to Terminal
Arrangements and Functions on page 3 for details.
±Display Unit
Decimal/Hexadecimal Display Unit (Single
Color) (Dynamic output is available with the
Decimal Display Units only.)
Decimal Display Unit (Two Colors)
Note: The LE terminal is incorporated only on
dynamic output models.
Note: The R/G 2 terminal lights red when OFF
and green when ON.
Signal
Input
Circuit
Positive logic
Signal
Input
Circuit
Positive logic
Negative logic
Negative logic
Signal
Input
Circuit
Negative logic
Dynamic output
Dynamic output
Unit Display Unit
Note: Circled numbers are the board terminal numbers.
Power
supply input
V
0 V
Switching
regulator
Signal
inputs
Input
circuit/
driver
circuit
LED display
elements
(See
note.)
Power
supply input
V
0 V
Switching
regulator
Signal
inputs
Input
circuit/
driver
circuit
LED display
elements
Power
supply input
V
0 V
Switching
regulator
Signal
inputs
Input
circuit/
driver
circuit
LED display
elements
Signal
input
GND
24 to 47 k
3.9 k
Custom IC
Signal
input
GND
150 k
330 k
Signal
input
GND
3.9 to
8.2 k
3.9 k
+5 V
Custom IC
Signal
input
27 k
+5 V
680 k
GND
Signal
input
GND
27 k
680 k
Custom IC
+5 V
Signal
input
GND
7.5 to
8.2 k
3.9 k
+5 V
Signal
input
GND
27 k
680 k
Custom IC
+5 V
V
0 V
Switching
regulator
LED display elements
(GND)


Similar Part No. - M7E-01HRN2-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M7E-01HRN2-B OMRON-M7E-01HRN2-B Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
More results

Similar Description - M7E-01HRN2-B

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-A346RD-B BRIGHT-BS-A346RD-B Datasheet
133Kb / 3P
   0.39(10.00.MM) high single DIGIT 14-segments alphanumeric DISPLAY
logo
FIBOX Enclosing innovat...
4712053 FIBOX-4712053 Datasheet
47Kb / 1P
   Spacer 14 mm
26.07.2023
logo
Honeywell Solid State E...
RDD100 HONEYWELL-RDD100 Datasheet
92Kb / 2P
   Remote Digital Display
logo
ATMEL Corporation
FCD4B14 ATMEL-FCD4B14 Datasheet
265Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
logo
Lite-On Technology Corp...
LTP-3784E LITEON-LTP-3784E Datasheet
167Kb / 5P
   0.54 inch (13.8 mm) digit height dual digit 14-segment alphanumeric display
logo
List of Unclassifed Man...
LDS30361SRA ETC-LDS30361SRA Datasheet
77Kb / 3P
   0.36 inch DIGITAL DISPLAY
LDS40361SRA ETC1-LDS40361SRA Datasheet
77Kb / 3P
   0.36 inch DIGITAL DISPLAY
FK3C3508024 ETC2-FK3C3508024 Datasheet
79Kb / 3P
   Display for Digital Signals
LDS20361SRA ETC1-LDS20361SRA Datasheet
112Kb / 3P
   0.36 INCH DIGITAL DISPLAY
logo
NXP Semiconductors
MCVVQ201 NXP-MCVVQ201 Datasheet
438Kb / 24P
   VirtuoVueE DIGITAL DISPLAY DRIVER
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com