Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMYM5-0500-1500 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # UMYM5-0500-1500
Description  Safety Mat/Safety Mat Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

UMYM5-0500-1500 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button UMYM5-0500-1500 Datasheet HTML 2Page - Omron Electronics LLC UMYM5-0500-1500 Datasheet HTML 3Page - Omron Electronics LLC UMYM5-0500-1500 Datasheet HTML 4Page - Omron Electronics LLC UMYM5-0500-1500 Datasheet HTML 5Page - Omron Electronics LLC UMYM5-0500-1500 Datasheet HTML 6Page - Omron Electronics LLC UMYM5-0500-1500 Datasheet HTML 7Page - Omron Electronics LLC UMYM5-0500-1500 Datasheet HTML 8Page - Omron Electronics LLC UMYM5-0500-1500 Datasheet HTML 9Page - Omron Electronics LLC UMYM5-0500-1500 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UM/MC3
6
Connections
Internal Connection
Wiring of Inputs and Outputs
Changing the Reset Mode
You can select either the Auto Reset Mode or the Manual Reset Mode with the MC3 Controller.
Remove the terminal block from the top of the MC3 Controller to expose three yellow jumpers. Set the jumps as required by system specifications.
Auto Reset Mode (Factory Setting)
Leave all three jumpers connected.
Manual Reset Mode
Remove all three jumpers.
Signal name
Terminal name
Description of operation
Wiring
Power supply
input
Y1, Y2
Power supply input terminals for MC3
Connect the power source to the Y1 and Y2 terminals.
Connect the power supply plus (24 VDC) to the Y1
terminal.
Connect the power supply minus (GND) to the Y2
terminal.
Safety Mat
input
M11, M12,
M21, M22
To turn ON safety outputs, all the connected safety
mats must have no load.
Otherwise, the safety outputs will NOT turn ON.
Reset input
X1, X2
The Safety Outputs can be turned ON only after the
connection between X1 and X2 closes and then opens.
If the connection between X1 and X2 does not close
and open, the Safety Outputs will not turn ON.
Manual Reset
Mode
The normal operation can be made if the connection
between X1 and X2 is open.
Auto Reset Mode
Safety output
13-14, 23-24
The Safety Outputs are turned ON and OFF according to
the status of the Safety Mat inputs and the reset input.
Keep these outputs Open when NOT used.
Auxiliary
output
31-32, 41-42
Turns ON/OFF according to the state of the opposite
logic to the safety outputs.
Keep these outputs Open when NOT used.
Control Circuit
Power
supply
M21
42
32
24
14
23
13
X2
X1
Y1
Y2
31
41
M12
M11
M22
M12
Brown
Safety Mat
UM
Black
White
Blue
Blue
White
M11
M21
M22
Reset switch
X1
X2
X1
X2
Three yellow jumpers
Terminal block removed
from top of Controller


Similar Part No. - UMYM5-0500-1500

ManufacturerPart #DatasheetDescription
logo
Rohm
UMY1N ROHM-UMY1N Datasheet
98Kb / 5P
   Emitter common (dual transistors)
UMY1N ROHM-UMY1N Datasheet
101Kb / 5P
   Emitter common (dual transistors)
UMY1N ROHM-UMY1N Datasheet
88Kb / 5P
   Emitter common (dual transistors)
UMY1N ROHM-UMY1N Datasheet
88Kb / 5P
   Emitter common (dual transistors)
logo
Unisonic Technologies
UMY1N UTC-UMY1N Datasheet
84Kb / 3P
   DUAL TRANSISTOR
More results

Similar Description - UMYM5-0500-1500

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XPSUAK12AP SCHNEIDER-XPSUAK12AP Datasheet
198Kb / 6P
   Safety module, Harmony Safety Automation, Cat.4, features XPSUAF PNP/NPN, safety mat, 24v AC/DC, screw
Jan 13, 2022
logo
SICK AG
UE410-XU4T300 SICK-UE410-XU4T300 Datasheet
323Kb / 6P
   SAFETY CONTROLLER
logo
SparkFun Electronics
TOL-14672 SPARKFUN-TOL-14672 Datasheet
144Kb / 2P
   Insulated Silicone Soldering Mat
4??0??8
logo
FCI connector
65781 FCI-CONNECTOR-65781 Datasheet
419Kb / 6P
   HOUSING MAT: FILLED POLYESTER
logo
Bertech.
2059S BERTECH-2059S Datasheet
170Kb / 1P
   ESD Soldering Mats & Mat Kits
logo
FCI connector
71609 FCI-CONNECTOR-71609 Datasheet
65Kb / 1P
   HOUSIN MAT: THERMOPLASTIC GLASS FILLED
logo
Omron Electronics LLC
NE0A-SCPU01 OMRON-NE0A-SCPU01 Datasheet
309Kb / 6P
   Safety Network Controller
logo
FCI connector
71607 FCI-CONNECTOR-71607 Datasheet
61Kb / 1P
   HOUSIN MAT: THERMOPLASTIC GLASS FILLED
76342 FCI-CONNECTOR-76342 Datasheet
78Kb / 2P
   HOUSING MAT: THERMOPLASTIC GLASS FILLED
logo
Molex Electronics Ltd.
SD-34805-001 MOLEX-SD-34805-001 Datasheet
215Kb / 1P
   CTX150 MAT SEAL RECEPTACLE TERMINAL
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com