Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMYM5-1000-1500 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # UMYM5-1000-1500
Description  Safety Mat/Safety Mat Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

UMYM5-1000-1500 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button UMYM5-1000-1500 Datasheet HTML 4Page - Omron Electronics LLC UMYM5-1000-1500 Datasheet HTML 5Page - Omron Electronics LLC UMYM5-1000-1500 Datasheet HTML 6Page - Omron Electronics LLC UMYM5-1000-1500 Datasheet HTML 7Page - Omron Electronics LLC UMYM5-1000-1500 Datasheet HTML 8Page - Omron Electronics LLC UMYM5-1000-1500 Datasheet HTML 9Page - Omron Electronics LLC UMYM5-1000-1500 Datasheet HTML 10Page - Omron Electronics LLC UMYM5-1000-1500 Datasheet HTML 11Page - Omron Electronics LLC UMYM5-1000-1500 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
UM/MC3
8
Accessories
MAT4
MAT5
MAT6
115.8
38.1
101.6
38.1
38.1
217.4
228.6
215.9
60.5
78.2 75.7
50.8
38.1
MAT3
MAT2
MAT1
Distribution Box
UMDB-6
Mounting hole dimensions
49.9
20
Female B
Female A
4: Black
1: Brown
3: Red/black
2: Red/white
1
4
3: Blue
2: White
4
Male
1
3
2
1 (Brown)
4 (Black)
2 (White)
3 (Blue)
Y Connector
UM-Y-2-1
Internal wiring
Panel-mount Connector
UMPMC
19.1
15.5
11.5
304.8
M12×1
Pin arrangement
L
*
1 (Brown)
4 (Black)
2 (White)
3 (Blue)
1 (Brown)
4 (Black)
2 (White)
3 (Blue)
Extension Cable
UMEC-03, UMEC-05
UMEC-10, UMEC-15
*Cable length
Model
L (m)
Model
L (m)
UMEC-03
3
UMEC-05
5
UMEC-10
10
UMEC-15
15
Pin arrangement
Female (socket)
Male (plug)
6 dia.
40.7
14.9 dia.
L
*
50
30
5
45°
5 dia.
M12
Terminal No.
Cable color of
core sheath
Brown
White
Blue
Black
1 (Brown)
4 (Black)
2 (White)
3 (Blue)
Connector with Cable Socket on One Cable End
XS2F-D421-C80-A
XS2F-D421-D80-A
XS2F-D421-G80-A
XS2F-D421-J80-A
*Cable length
Model
L (m)
XS2F-D421-C80-A
1
XS2F-D421-D80-A
2
XS2F-D421-G80-A
5
XS2F-D421-J80-A
10
Pin arrangement
Wiring diagram


Similar Part No. - UMYM5-1000-1500

ManufacturerPart #DatasheetDescription
logo
Rohm
UMY1N ROHM-UMY1N Datasheet
98Kb / 5P
   Emitter common (dual transistors)
UMY1N ROHM-UMY1N Datasheet
101Kb / 5P
   Emitter common (dual transistors)
UMY1N ROHM-UMY1N Datasheet
88Kb / 5P
   Emitter common (dual transistors)
UMY1N ROHM-UMY1N Datasheet
88Kb / 5P
   Emitter common (dual transistors)
logo
Unisonic Technologies
UMY1N UTC-UMY1N Datasheet
84Kb / 3P
   DUAL TRANSISTOR
More results

Similar Description - UMYM5-1000-1500

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XPSUAK12AP SCHNEIDER-XPSUAK12AP Datasheet
198Kb / 6P
   Safety module, Harmony Safety Automation, Cat.4, features XPSUAF PNP/NPN, safety mat, 24v AC/DC, screw
Jan 13, 2022
logo
SICK AG
UE410-XU4T300 SICK-UE410-XU4T300 Datasheet
323Kb / 6P
   SAFETY CONTROLLER
logo
SparkFun Electronics
TOL-14672 SPARKFUN-TOL-14672 Datasheet
144Kb / 2P
   Insulated Silicone Soldering Mat
4??0??8
logo
FCI connector
65781 FCI-CONNECTOR-65781 Datasheet
419Kb / 6P
   HOUSING MAT: FILLED POLYESTER
logo
Bertech.
2059S BERTECH-2059S Datasheet
170Kb / 1P
   ESD Soldering Mats & Mat Kits
logo
FCI connector
71609 FCI-CONNECTOR-71609 Datasheet
65Kb / 1P
   HOUSIN MAT: THERMOPLASTIC GLASS FILLED
logo
Omron Electronics LLC
NE0A-SCPU01 OMRON-NE0A-SCPU01 Datasheet
309Kb / 6P
   Safety Network Controller
logo
FCI connector
71607 FCI-CONNECTOR-71607 Datasheet
61Kb / 1P
   HOUSIN MAT: THERMOPLASTIC GLASS FILLED
76342 FCI-CONNECTOR-76342 Datasheet
78Kb / 2P
   HOUSING MAT: THERMOPLASTIC GLASS FILLED
logo
Molex Electronics Ltd.
SD-34805-001 MOLEX-SD-34805-001 Datasheet
215Kb / 1P
   CTX150 MAT SEAL RECEPTACLE TERMINAL
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com