Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XW2D-40G6 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XW2D-40G6
Description  Slim Connector-Terminal Block Conversion Units
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2D-40G6 Datasheet(HTML) 4 Page - Omron Electronics LLC

  XW2D-40G6 Datasheet HTML 1Page - Omron Electronics LLC XW2D-40G6 Datasheet HTML 2Page - Omron Electronics LLC XW2D-40G6 Datasheet HTML 3Page - Omron Electronics LLC XW2D-40G6 Datasheet HTML 4Page - Omron Electronics LLC XW2D-40G6 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
XW2D
Safety Precautions
Wiring
• Always turn OFF the power supply before wiring.
Otherwise, cables or other conductors can short the termi-
nals and cause the Unit to fail.
• Do not connect or disconnect Connectors with the power
turned ON. Otherwise, it may cause malfunctions.
Wiring Terminal Blocks
Using Crimp Terminals
(With a Terminal Block with M3 Screws)
Terminal Screw Tightening Torque
Use a tightening torque of 0.7 N·m when connecting wires or
crimp terminals to the terminal block.
Mounting Units to and Removing Units from DIN Track
• XW2D Connector-Terminal Block Conversion Units can be
mounted side-to-side on DIN Track.
• Secure both ends of the XW2D with End Plates.
• When removing the Unit from a DIN Track, insert a flat-head
screwdriver into the slider and pull the lock out.
Handling M3 Screw and Round Terminals
Raise the M3 screw with a Phillips screwdriver as shown in di-
agram (1) and slide the screw toward you to keep the space
open. Follow the steps in diagrams (1) and (2) below when us-
ing round crimp terminals.
Precautions for Correct Use
Applicable crimp terminals
Applicable wires
Round crimp ter-
minals
1.25-3
AWG 22 to 16
(0.30 to 1.25 mm2)
Forked crimp ter-
minals
1.25Y-3
AWG 22 to 16
(0.30 to 1.25 mm2)
5.8 mm max.
3.2 mm dia.
5.8 mm max.
3.2 mm
Round crimp terminals
Forked crimp terminals
AB


Similar Part No. - XW2D-40G6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2D-40G6 OMRON-XW2D-40G6 Datasheet
2Mb / 29P
   Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
More results

Similar Description - XW2D-40G6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z OMRON-XW2Z Datasheet
1Mb / 11P
   Connecting Cables for Connector-Terminal Block Conversion Units (Shielded)
logo
M-System Co.,Ltd.
CNT MSYSTEM-CNT Datasheet
113Kb / 2P
   CONNECTOR TERMINAL BLOCK
logo
DDK Ltd.
ADAPTER DDK-ADAPTER Datasheet
673Kb / 31P
   Conversion Connector
logo
FCI connector
20020109 FCI-CONNECTOR-20020109 Datasheet
230Kb / 3P
   TERMINAL BLOCK
logo
Adam Technologies, Inc.
EBYD-XX-J-GY ADAM-TECH-EBYD-XX-J-GY Datasheet
76Kb / 1P
   TERMINAL BLOCK
EB110-XX-C ADAM-TECH-EB110-XX-C Datasheet
64Kb / 1P
   TERMINAL BLOCK
EB111-XX-C ADAM-TECH-EB111-XX-C Datasheet
109Kb / 1P
   TERMINAL BLOCK
EB115-XX-U ADAM-TECH-EB115-XX-U Datasheet
77Kb / 1P
   TERMINAL BLOCK
EB49-XX-B ADAM-TECH-EB49-XX-B Datasheet
73Kb / 1P
   TERMINAL BLOCK
EB50-A-XX-B ADAM-TECH-EB50-A-XX-B Datasheet
73Kb / 1P
   TERMINAL BLOCK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com