Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1EJT8 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1EJT8
Description  Compact RFI Filter with IEC Connector for Higher Frequency Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1EJT8 Datasheet(HTML) 3 Page - Tyco Electronics

  1EJT8 Datasheet HTML 1Page - Tyco Electronics 1EJT8 Datasheet HTML 2Page - Tyco Electronics 1EJT8 Datasheet HTML 3Page - Tyco Electronics 1EJT8 Datasheet HTML 4Page - Tyco Electronics 1EJT8 Datasheet HTML 5Page - Tyco Electronics 1EJT8 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EJT Series – Compact RFI Filter with IEC Connector
for Higher Frequency Applications
Specifications / Elektrische Eigenschaften
Maximum leakage current, each line-to-ground
@ 120 VAC 60 Hz: 0,22 mA (1-15 A versions); 0,20 mA (20 A versions)
@ 250 VAC 50 Hz: 0,38 mA (1-15 A versions); 0,40 mA (20 A versions)
Hipot rating (one minute):
line-to-ground 2250 VDC (1-15 A versions); 1500 VAC (20 A versions)
line-to-line
1450 VDC (all versions)
Operating frequency: 50/60 Hz
Rated voltage (max): 250 VAC
All specifications subject to change. Consult Tyco Electronics for latest design specifications.
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten Tyco Electronics
Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
3
Type
Order no.
Max. Current
Inductance
Inductance
Cx
Cy
UL / VDE
L1
L2
1EJT1
2-6609006-1
1 A / 1 A
2 x 3,720 mH
2 x 0,004 mH
0,1 µF
2 x (2,8 nF + 0,470 nF)
1EJT8
2-6609006-6
1 A / 1 A
2 x 3,720 mH
2 x 0,004 mH
0,1 µF
2 x (2,8 nF + 0,470 nF)
3EJT1
2-6609006-2
3 A / 3 A
2 x 1,990 mH
2 x 0,004 mH
0,1 µF
2 x (2,8 nF + 0,470 nF)
3EJT8
2-6609006-7
3 A / 3 A
2 x 1,990 mH
2 x 0,004 mH
0,1 µF
2 x (2,8 nF + 0,470 nF)
6EJT1
2-6609006-3
6 A / 6 A
2 x 0,930 mH
2 x 0,004 mH
0,1 µF
2 x (2,8 nF + 0,470 nF)
6EJT8
2-6609006-8
6 A / 6 A
2 x 0,930 mH
2 x 0,004 mH
0,1 µF
2 x (2,8 nF + 0,470 nF)
10EJT1
2-6609006-4
10 A / 10 A
2 x 0,360 mH
2 x 0,004 mH
0,1 µF
2 x (2,8 nF + 0,470 nF)
10EJT8
2-6609006-9
10 A / 10 A
2 x 0,360 mH
2 x 0,004 mH
0,1 µF
2 x (2,8 nF + 0,470 nF)
15EJT1
2-6609006-5
15 A / 10 A
2 x 0,198 mH
2 x 0,004 mH
0,1 µF
2 x (2,8 nF + 0,470 nF)
15EJT8
3-6609006-0
15 A / 10 A
2 x 0,198 mH
2 x 0,004 mH
0,1 µF
2 x (2,8 nF + 0,470 nF)
20EJT1
0-6609007-8
20 A / 16 A
2 x 0,087 mH
2 x 0,004 mH
0,1 µF
2 x (2,8 nF + 0,033 nF)
20EJT8
3-6609006-1
20 A / 16 A
2 x 0,087 mH
2 x 0,004 mH
0,1 µF
2 x (2,8 nF + 0,033 nF)
Ordering Information / Bestellinformationen
15 EJT 1
Terminal Type
1 – Straight 1/4˝ quick connect
8 – Wire leads
Series
EJT – Extended performance for higher frequencies
Current Rating
(1, 3, 6, 10, 15, 20 A)


Similar Part No. - 1EJT8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EJT8 MACOM-1EJT8 Datasheet
89Kb / 2P
   Compact RFI Filter with IEC Connector for Higher Frequency Applications
1EJT8 MACOM-1EJT8 Datasheet
336Kb / 3P
   High Performance Power Inlet Filter
logo
TE Connectivity Ltd
1EJT8 TEC-1EJT8 Datasheet
336Kb / 3P
   High Performance Power Inlet Filter
1EJT8F TEC-1EJT8F Datasheet
420Kb / 2P
   ENHANCED PERFORMANCE CORCOM EJT POWER INLET FILTER
More results

Similar Description - 1EJT8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EJT1 MACOM-1EJT1_1 Datasheet
89Kb / 2P
   Compact RFI Filter with IEC Connector for Higher Frequency Applications
1EF1F MACOM-1EF1F Datasheet
69Kb / 2P
   Compact RFI Filter with IEC Connectors
1EAS1 MACOM-1EAS1 Datasheet
292Kb / 2P
   Snap-In Compact RFI Filter IEC Connector Package
1EJH1 MACOM-1EJH1 Datasheet
153Kb / 4P
   Enhanced Performance Compact Medical RFI Filter IEC Connector Package
logo
List of Unclassifed Man...
FN3258-75-34 ETC2-FN3258-75-34 Datasheet
205Kb / 4P
   Ultra-compact EMC/RFI Filter for Motor Drives Applications
logo
Schaffner International...
FN-3270 SCHAFFNER-FN-3270 Datasheet
681Kb / 4P
   Compact EMC/RFI Filter for Industrial Motor Drive Applications
logo
Tyco Electronics
1EJS1 MACOM-1EJS1 Datasheet
114Kb / 2P
   Enhanced Performance Snap-In Compact RFI Filter IEC Connector Package
1EEJ1 MACOM-1EEJ1 Datasheet
110Kb / 4P
   Enhanced Performance (1-20 Amp) Compact RFI Filter IEC Connector Package
3DAF1 MACOM-3DAF1 Datasheet
102Kb / 2P
   Compact RFI Line Filter with DC Inlet Connector
logo
List of Unclassifed Man...
PE792003 ETC2-PE792003 Datasheet
166Kb / 4P
   RFI Filter Module Combines IEC Connector, Fusing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com