Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKS3PIN-2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # MKS3PIN-2
Description  General-purpose Relays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MKS3PIN-2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  MKS3PIN-2 Datasheet HTML 1Page - Omron Electronics LLC MKS3PIN-2 Datasheet HTML 2Page - Omron Electronics LLC MKS3PIN-2 Datasheet HTML 3Page - Omron Electronics LLC MKS3PIN-2 Datasheet HTML 4Page - Omron Electronics LLC MKS3PIN-2 Datasheet HTML 5Page - Omron Electronics LLC MKS3PIN-2 Datasheet HTML 6Page - Omron Electronics LLC MKS3PIN-2 Datasheet HTML 7Page - Omron Electronics LLC MKS3PIN-2 Datasheet HTML 8Page - Omron Electronics LLC MKS3PIN-2 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MK-S
2
Ordering Information
List of Models
List of Models (Order Separately)
Type
Terminals
Contact
form
Internal connections
(See note 3.)
With mechanical indicator
With mechanical indicator
and lockable test button
Coil ratings
Standard
Models
Plug-in
DPDT
Standard
MKS2P
MKS2PI
AC/DC
Non-standard
MKS2P-2
MKS2PI-2
3PDT
Standard
MKS3P
MKS3PI
Non-Standard
MKS3P-2
MKS3PI-2
MKS3P-5
MKS3PI-5
Models with
LED Indicator
(See note 2.)
DPDT
Standard
MKS2PN(1)
MKS2PIN(1)
AC/DC
Non-standard
MKS2PN(1)-2
MKS2PIN(1)-2
3PDT
Standard
MKS3PN(1)
MKS3PIN(1)
Non-Standard
MKS3PN(1)-2
MKS3PIN(1)-2
MKS3PN(1)-5
MKS3PIN(1)-5
Models with
Diode
(See note 2.)
DPDT
Standard
MKS2P(1)-D
MKS2PI(1)-D
DC
Non-standard
MKS2P(1)-D-2
MKS2PI(1)-D-2
3PDT
Standard
MKS3P(1)-D
MKS3PI(1)-D
Non-Standard
MKS3P(1)-D-2
MKS3PI(1)-D-2
MKS3P(1)-D-5
MKS3PI(1)-D-5
Models with
LED Indicator
and Diode
DPDT
Standard
MKS2PN-D
MKS2PIN-D
DC
Non-standard
MKS2PN-D-2
MKS2PIN-D-2
3PDT
Standard
MKS3PN-D
MKS3PIN-D
Non-Standard
MKS3PN-D-2
MKS3PIN-D-2
MKS3PN-D-5
MKS3PIN-D-5
Models with
Varistor
DPDT
Standard
MKS2P-V
MKS2PI-V
AC
Non-standard
MKS2P-V-2
MKS2PI-V-2
3PDT
Standard
MKS3P-V
MKS3PI-V
Non-Standard
MKS3P-V-2
MKS3PI-V-2
MKS3P-V-5
MKS3PI-V-5
Models with
LED Indicator
and Varistor
DPDT
Standard
MKS2PN-V
MKS2PIN-V
AC
Non-standard
MKS2PN-V-2
MKS2PIN-V-2
3PDT
Standard
MKS3PN-V
MKS3PIN-V
Non-Standard
MKS3PN-V-2
MKS3PIN-V-2
MKS3PN-V-5
MKS3PIN-V-5
Item
Type
Model
Track-mounted
Socket
8-pin
PF083A-E
11-pin
PF113A-E
8-pin
PF083A-D
11-pin
PF113A-D
Hold-down Clip
(For PF083A-E and PF113A-E)
PFC-A1
Rated voltage
Note: 1. When ordering, add the rated voltage to the model number. Rated voltages are given in the coil ratings table in the specifications.
Example: MKS3P 24 VDC
2. The DC coil comes in two types: standard coil polarity and reverse coil polarity.
Refer to Terminal Arrangement and Internal Connections (Bottom View).
Example: MKS2PIN1-2 24 VDC
3. Refer to Terminal Arrangement and Internal Connections (Bottom View) for non-standard internal connections.
Reverse coil polarity


Similar Part No. - MKS3PIN-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MKS3PIN-2 OMRON-MKS3PIN-2 Datasheet
2Mb / 10P
   General Purpose Relays
More results

Similar Description - MKS3PIN-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
logo
Tyco Electronics
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com